Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01K2 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01K2
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01K2 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01K2 Datasheet HTML 1Page - Balluff Korea Ltd. BOS01K2 Datasheet HTML 2Page - Balluff Korea Ltd. BOS01K2 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 64K-AA-ID10-TG
Order Code: BOS01K2
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-03
Subject to change without notice: 224148
ETIM 6.0: EC001821
BOS01K2_0.86_2024-08-23
2 / 3
Environmental conditions
Ambient temperature
-25...55 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP67
Functional safety
MTTF (40 °C)
289 a
Interface
Duration of time function
T = 0.6…16 s
Switching output
Relay NO/NC change-over contact
Time function
switch-off delay
On/off delay
Turn-on delay
Single pulse
Material
Housing material
PBT, GF30
Material sensing surface
PC
Mechanical data
Dimension
25 x 69.7 x 100.4 mm
Mounting part
Screw M4
Tightening torque max.
1.2 Nm
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light type
Infrared
Principle of optical operation
Diffuse sensor, energetic
Switching function, optical
Light-on
dark-on
Wave length
940 nm
Range/Distance
Range
50...2000 mm
Rated operating distance Sn
2 m, Adjustable
Remarks
Reference object (target): gray card, 200 x 200, 90 % remission, axial approach.
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com