Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS021J Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS021J
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS021J Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS021J Datasheet HTML 1Page - Balluff Korea Ltd. BOS021J Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS R01E-PS-KD20-00,2-S49
Order Code: BOS021J
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-03
Subject to change without notice: 270659
ETIM 6.0: EC001821
BOS021J_0.142_2024-09-02
2 / 2
Material
Housing material
1.4404 stainless steel
Material jacket
PUR
Material sensing surface
PA
Mechanical data
Dimension
20 x 32 x 9 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
Ø 3.0 mm Light exit
Light type
LED, red light
Principle of optical operation
Diffuse sensor, energetic
Switching function, optical
Light-on
Wave length
650 nm
Range/Distance
Hysteresis H max. (% of Sr)
8.0 %
Range
1...100 mm
Rated operating distance Sn
100 mm
Repeat accuracy max. (% of Sr)
0.2 %
Temperature drift max. (% of Sr)
10 %
Remarks
The sensor is functional again after the overload has been eliminated.
Actuation object (target): gray card, 200 x 200, 90 % remission, lateral approach, approach direction vertical to lens axis plane.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
For additional information, refer to user's guide.
Order accessories separately.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com