Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0285 Datasheet(PDF) 3 Page - Balluff Korea Ltd.

Part # BOS0285
Description  Smart Automation and Monitoring System Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0285 Datasheet(HTML) 3 Page - Balluff Korea Ltd.

  BOS0285 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0285 Datasheet HTML 2Page - Balluff Korea Ltd. BOS0285 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Smart Automation and Monitoring System
Photoelectric Sensors
BOS R254K-UUI-LH10-S4
Order Code: BOS0285
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 279074
ETIM 6.0:
BOS0285_1.8_2024-10-07
3 / 3
Remarks
For additional information, refer to user's guide.
Order accessories separately.
The sensor is functional again after the overload has been eliminated.
Reference object (target) for diffuse sensor: gray card, 200 x 200, 90 % remission, axial approach.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols
Warning Symbols
LASER CLASS 1 per IEC 60825-1: 2014-05



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com