Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS029M Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOS029M
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS029M Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOS029M Datasheet HTML 1Page - Balluff Korea Ltd. BOS029M Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BOS R090K-PU-RH10-S75
Order Code: BOS029M
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 284368
ETIM 6.0:
BOS029M_0.78_2024-10-15
1 / 2
1) Mode settings, 2) Optical axis receiver, 3) Optical axis emitter, 4) Power indicator, 5) stability, 6) Sn
Basic features
Approval/Conformity
cULus
CE
UKCA
WEEE
Principle of operation
Photoelectric sensor
Series
R090K
Style
Square
Connection 90°
Display/Operation
Adjuster
6-turn potentiometer
Rotary switch 2 positions
Display
Output function- LED yellow
Stability - LED green
Setting
Rated switching distance (Sn)
Light-on/dark-on
Electrical connection
Connection
Connector, M8x1, 4-pin
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
No-load current Io max. at Ue
20 mA
Operating voltage Ub
10...30 VDC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
300 ms
Ripple max. (% of Ue)
10 %
Switching frequency
1000 Hz
Turn-off delay toff max.
0.5 ms
Turn-on delay ton max.
0.5 ms
Voltage drop Ud max. at Ie
2 V
Environmental conditions
Ambient temperature
-35...55 °C
IP rating
IP67


Similar Part No. - BOS029M

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS0290 BALLUFF-BOS0290 Datasheet
92Kb / 2P
Photoelectric Sensors
2024-10-15
BOS0294 BALLUFF-BOS0294 Datasheet
93Kb / 2P
Photoelectric Sensors
2024-10-18
BOS0298 BALLUFF-BOS0298 Datasheet
93Kb / 2P
Photoelectric Sensors
2024-10-18
More results

Similar Description - BOS029M

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com