Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2153 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA2153
Description  PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2153 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA2153 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2153 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2153 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2153 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2153
No.8123-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10µA, IE=0
--50
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10µA, IC=0
--6
V
Turn-ON Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
See specified Test Circuit.
200
ns
Fall Time
tf
See specified Test Circuit.
24
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
2038B
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V IT08346
--2.0
--1.8
--1.6
--1.4
--1.2
--1.0
--0.8
--0.4
--0.2
--0.6
0
0
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT08347
0
--2.0
--0.1 --0.2 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0 --1.1
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
IB=0
--50mA
--40mA
--30mA
--20mA
--10mA
--5mA
--4mA
--3mA
--2mA
--1mA
--60mA
VCE= --2V
VR
RL
VCC= --25V
VBE=5V
10IB1= --10IB2= IC= --700mA
+
+
50
Ω
INPUT
OUTPUT
RB
100
µF
470
µF
PW=20
µs
IB1
IB2
D.C.
≤1%
IC
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
0.75
4.5
1.6
0.4
12
3
1.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com