Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2 Datasheet(PDF) 5 Page - Same Sky Devices

Part # PR2
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PR2 Datasheet(HTML) 5 Page - Same Sky Devices

  PR2 Datasheet HTML 1Page - Same Sky Devices PR2 Datasheet HTML 2Page - Same Sky Devices PR2 Datasheet HTML 3Page - Same Sky Devices PR2 Datasheet HTML 4Page - Same Sky Devices PR2 Datasheet HTML 5Page - Same Sky Devices PR2 Datasheet HTML 6Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SAME SKY | SERIES: PR2 | DESCRIPTION: POWER RELAY
date 09/12/2024 | page 5 of 6
sameskydevices.com
CHARACTERISTIC CURVES
8
6
4
2
10
0 0.1 0.2 0.3 0.4 0.5 0.6 0.8 1.0 1.2 1.4
20
40
60
80
10
0.1
0.20.3
0.4 0.5
0.6
100
50
10
5
30
02
6
48 10 12 14 16 18 20
5
3
10
01020304050
200 300
100
Coil Power (W)
Operate
Release
Coil Power (W)
Contact Current (A)
120VAC Resistive
AC Resistive
DC Resistive
240VAC Resistive
Contact Voltage (V)
Time Curve
Coil Temperature Rise
Life Curve
Maximum Switching Power
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com