Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT71F-600 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYT71F-600
Description  Fast Recover Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYT71F-600 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYT71F-600 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYT71F-600 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recover Rectifier Diodes
BYT71F-600
www.iscsemi.com
1
FEATURES
· Low Switching Losses
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· Switched-Mode Power Supplies
· Power factor correction diode
· Uninterrupted Power Supply
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
600
V
IF(AV)
Average Rectified Forward Current
δ = 0.5,TC ≤ 130°C
6
A
IFSM
Non-repetitive Peak Surge Current
tp=10ms,sinusoidal
90
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.9
℃
/W
1 3


Similar Part No. - BYT71F-600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT71F-800 STMICROELECTRONICS-BYT71F-800 Datasheet
83Kb / 7P
FAST RECOVERY RECTIFIER DIODES
Aug-1998
BYT71F-800 STMICROELECTRONICS-BYT71F-800 Datasheet
303Kb / 7P
FAST RECOVERY RECTIFIER DIODES
Aug-1998
logo
Inchange Semiconductor ...
BYT71F-800 ISC-BYT71F-800 Datasheet
307Kb / 2P
Fast Recover Rectifier Diodes
More results

Similar Description - BYT71F-600

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
FR151 SUNMATE-FR151 Datasheet
252Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251 SUNMATE-FR251 Datasheet
269Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR601 SUNMATE-FR601 Datasheet
316Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
PG300R SUNMATE-PG300R Datasheet
391Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
PR1001 SUNMATE-PR1001 Datasheet
354Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RGP25A SUNMATE-RGP25A Datasheet
357Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
TVR1B SUNMATE-TVR1B Datasheet
351Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
BYV95A SUNMATE-BYV95A Datasheet
323Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
BYT56A SUNMATE-BYT56A Datasheet
421Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13S SUNMATE-ERD09-13S Datasheet
295Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com