Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC25005 Datasheet(PDF) 2 Page - Semtech Corporation

Part # KBPC25005
Description  HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE: 50V to 1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

KBPC25005 Datasheet(HTML) 2 Page - Semtech Corporation

  KBPC25005 Datasheet HTML 1Page - Semtech Corporation KBPC25005 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 19/07/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RATINGS AND CHARACTERISTIC CURVES
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
4
0.01
0.1
6
1.0
10
100
1.0
81.2
1.4
1.6
FIG.1-MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
200
1
0
50
100
150
250
300
10
100
FIG.2-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
100
TEMPERATURE. ( C)
30
0
0
20
10
50
40
o
150
KBPC25005~KBPC2510



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com