Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RUS2 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # 3RUS2
Description  HIGH VOLTAGE, HIGH CURRENT ULTRA-FAST RECOVERY SILICON RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

3RUS2 Datasheet(HTML) 1 Page - Electronic devices inc.

  3RUS2 Datasheet HTML 1Page - Electronic devices inc. 3RUS2 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3RUS2 3RUS4
ELECTRICAL CHARACTERISTICS(at TA=25 C Unless Otherwise Specified)
o
HIGH VOLTAGE, HIGH CURRENT
ULTRA-FAST RECOVERY
SILICON RECTIFIER DIODES
PRV
1200
1500
1800
TYPE
3RUS2120
3RUS4120
3RUS2150
3RUS4150
3RUS2180
3RUS4180
Type
3RUS2
3RUS4
1.25 Amp
1.50 Amp
2.5 Amp
5
5
50
Max
100
4V.
4V.
100A
300A
-65 oC to +150 oC
-65
oC to +150 oC
50 nanosec
R
o
R
o
Max.Forward V oltage Drop @ 25 C ,2.0Amps
, V
F
Max. Peak Surge Current,I
(8.3
(Fig.2)
FSM
Operating Temp Range
Storage T emp Range
Reverse Recovery Time, t rr
o
O
2.0 Amp
A
A
A
A
NOTE:
Maxinum lead and terminal temperature for soldering, 3/8 inch from case,5 seconds at 250 C
o
Avg. Rectified Forward Current @ 50 Amb., I (Fig.1)
Avg.Output Current @ 80 C lead temperature
Lead Temp-measured
from body of diode
o
8
3
Max. Reverse Current @ PRV and 25 C, I
o
Max. Reverse Current @ PRV and 100 C, I
ms)
EDI reserves the right to change these specifications at any time without notice.


Similar Part No. - 3RUS2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RU1136-4EB0 SIEMENS-3RU1136-4EB0 Datasheet
685Kb / 5P
3RU11 for standard applications
3RU1136-4HB0 SIEMENS-3RU1136-4HB0 Datasheet
313Kb / 4P
Overload relay 40...50 A For motor protection Size S2, Class 10 Contactor mounting Main circuit
10/25/2022
More results

Similar Description - 3RUS2

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
3W2 EDI-3W2 Datasheet
75Kb / 2P
HIGH VOLTAGE, HIGH CURRENT, FAST RECOVERY SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
GH3A-05K GETEDZ-GH3A-05K Datasheet
541Kb / 2P
High Current Fast-Recovery High Voltage Silicon Rectifier Diodes
GH3A-08K GETEDZ-GH3A-08K Datasheet
540Kb / 2P
High Current Fast-Recovery High Voltage Silicon Rectifier Diodes
GH3A-10K GETEDZ-GH3A-10K Datasheet
541Kb / 2P
High Current Fast-Recovery High Voltage Silicon Rectifier Diodes
2CL500 GETEDZ-2CL500_17 Datasheet
516Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
American Microsemicondu...
AMS-FOB AMMSEMI-AMS-FOB Datasheet
334Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
GH05U08J GETEDZ-GH05U08J Datasheet
506Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U10J GETEDZ-GH05U10J Datasheet
506Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U12J GETEDZ-GH05U12J Datasheet
505Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U15J GETEDZ-GH05U15J Datasheet
505Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com