Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL76 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # 2CL76
Description  HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

2CL76 Datasheet(HTML) 1 Page - Electronic devices inc.

  2CL76 Datasheet HTML 1Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EDI T YPE #
2CL69
2CL70
2CL71
2CL72
2CL73
2CL74
2CL75
2CL76
2CL77
PRV VOLTS
4,000
6,000
8,000
10,000
12,000
14,000
16,000
18,000
20,000
Forward Voltage
Drop at
25°C & 10mA
20.0V
23.0V
25.0V
30.0V
37.5V
42.5V
50.0V
55.0V
62.5V
Cathode Mark
<<<
2CL69 through 2CL77
HIGH VOLTAGE, LOW CURRENT
SILICON RECTIFIER DIODES
Average Maximum Forward Current IF Max @ TAir = 30ºC
5.0 mA
Max Surge Current (1 Cycle)
0.5 A
Max DC Reverse Current (25ºC)
2.0 µA
Max DC Reverse Current (100ºC)
5.0 µA
Reverse Recovery Time
100 nano Sec.
Max Virtual Junction Capacitance, Cj @ Vr = 0 (f=1Mhz.)
1.0 pico farads
EDI reserves the right to change these specifications at any time without notice.
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*
E L E C T R I C A L
C H A R A C T E R I S T I C
(at T
= 25
°C Unless Otherwise Specified)
Air
2CL FAST
RECOVERY
NOTES: It is recommended that a proper heat sink be used on the terminals of this device between the
body and the soldering point to prevent damage from excess heat.


Similar Part No. - 2CL76

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL76 GETEDZ-2CL76 Datasheet
78Kb / 1P
5mA 18kV HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
2CL76 SUNMATE-2CL76 Datasheet
205Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL76 GETEDZ-2CL76 Datasheet
638Kb / 2P
High Voltage Silicon Rectifier Diode
logo
SiPower Inc.
2CL76 SIPOWER-2CL76 Datasheet
68Kb / 2P
Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL76 YFWDIODE-2CL76 Datasheet
352Kb / 2P
Fast recovery high voltage diodes
More results

Similar Description - 2CL76

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL1 EDI-2CL1 Datasheet
49Kb / 1P
HIGH VOLTAGE, HIGH CURRENT SILICON RECTIFIER DIODES
2CL2 EDI-2CL2 Datasheet
40Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
ESJW08 GETEDZ-ESJW08 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW10 GETEDZ-ESJW10 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW01 GETEDZ-ESJW01 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW02 GETEDZ-ESJW02 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW03 GETEDZ-ESJW03 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW04 GETEDZ-ESJW04 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW05 GETEDZ-ESJW05 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW06 GETEDZ-ESJW06 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com