Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL2FM Datasheet(PDF) 1 Page - Electronic devices inc.

Part # 2CL2FM
Description  HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

2CL2FM Datasheet(HTML) 1 Page - Electronic devices inc.

  2CL2FM Datasheet HTML 1Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL2
EDI reserves the right to change these specifications at any time whthout notice.
HIGH VOLTAGE, MEDIUM CURRENT
SILICON RECTIFIER DIODES
STANDARD RECOVERY
FAST RECOVERY
ULTRA FAST RECOVERY
EDI TYPE #
2CL2F
2CL2G
2CL2H
2CL2J
2CL2FF
2CL2FG
2CL2FH
2CL2FJ
2CL2FK
2CL2FL
2CL2FM
PRV VOLTS
8,000
10,000
12,000
15,000
8,000
10,000
12,000
15,000
10,000
15,000
20,000
Forward
Voltage
Drop @
100mA
10V
12V
13V
16V
16V
18V
20V
24V
22V
26V
35V
ELECTRICAL CHARACTERISTIC
(at TAir = 25°C Unless Otherwise Specified)
2CL2_
STANDARD
RECOVERY
2CL2FF-2CLFJ
FAST RECOVERY
2CL2FK-2CLFM
ULTRA FAST
RECOVERY
Average Maximum Forward Current IF Max @ TAir = 40ºC
0.10 A
0.06 A
0.10 A
Average Maximum Forward Current IF Max @ TOil = 55ºC
0.22 A
0.12 A
0.22 A
Max Surge Current (1/2 Cycle, 60 Hz)
20 A
10 A
10 A
Max DC Reverse Current (25ºC)
2.0
A
2.0 A
2.0
A
Max DC Reverse Current (100ºC)
40.0 A
50.0 A
50.0 A
Reverse Recovery Time
-
150 nSec
100 nSec
Operating Temperature Range
-55 To 150°C
Storage Temperature Range
-55 To 150°C
NOTES: It is recommended that a proper heat sink be used on the terminals of this device between the body and the
soldering point to prevent damage from excess heat.
ELECTRONIC DEVICES INC
DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*


Similar Part No. - 2CL2FM

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FM GETEDZ-2CL2FM Datasheet
63Kb / 1P
20kV 100mA HIGH VOLTAGE DIODE
2CL2FM GETEDZ-2CL2FM Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
logo
Anshan Leadsun Electron...
2CL2FM LEADSUN-2CL2FM Datasheet
328Kb / 1P
High Voltage Diode
logo
New Jersey Semi-Conduct...
2CL2FM NJSEMI-2CL2FM Datasheet
51Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
2CL2FM YFWDIODE-2CL2FM Datasheet
375Kb / 2P
Fast recovery high voltage diodes
More results

Similar Description - 2CL2FM

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL1 EDI-2CL1 Datasheet
49Kb / 1P
HIGH VOLTAGE, HIGH CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
ESJW08 GETEDZ-ESJW08 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW10 GETEDZ-ESJW10 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW01 GETEDZ-ESJW01 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW02 GETEDZ-ESJW02 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW03 GETEDZ-ESJW03 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW04 GETEDZ-ESJW04 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW05 GETEDZ-ESJW05 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW06 GETEDZ-ESJW06 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
logo
New Jersey Semi-Conduct...
2CL2 NJSEMI-2CL2 Datasheet
51Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com