Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO-0620300-R-E1 Datasheet(PDF) 2 Page - Eravant

Part # STO-0620300-R-E1
Description  D-Band VNA Frequency Extender, Receive (Rx) Module, 9.17 to 14.17 GHz Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STO-0620300-R-E1 Datasheet(HTML) 2 Page - Eravant

  STO-0620300-R-E1 Datasheet HTML 1Page - Eravant STO-0620300-R-E1 Datasheet HTML 2Page - Eravant STO-0620300-R-E1 Datasheet HTML 3Page - Eravant STO-0620300-R-E1 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STO-0620300-R-E1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
2/4
Advanced Rev 1.5
Mechanical Specifications:
Included Components:
Simplified Block Diagram
Item
Specification
Test Port
WR-06 Waveguide with UG-387/U-M Precision Anti-Cocking Flange
LO Source Input Ports
SMA (F)
IF Measure Port
SMA (F)
DC Power Receptacle
LEMO EGG.0B.304.CLL
Finish
Black Anodized
Weight (Per Module)
2.1 lbs.
Size (Without Adjustable Feet)
5.00” (L) x 3.75” (W) x 1.90” (H) [Without Attenuator]
6.26” (L) x 3.75” (W) x 1.90” (H) [With Attenuator]
Outline
TO-RD-A
Item
Eravant Model Number
Quantity
Proxi-Flange
™ Contactless Flange, 1.0” Long
STQ-WG-06010-FB-CF
1
Proxi-Flange
™ Contactless Flange, 2.5” Long
STQ-WG-06025-FB-CF
1
Waveguide Screws, 3/32 Hex Head
SWH-332-SS-10
1 (10 Screws Total)
Waveguide Screwdriver, 3/32 Hex Head
SWH-332-DS
1
SMA Connector Torque Wrench
SCH-08008-S1
1
AC-to-DC Power Adapter
STU-110006005-HF
1
Connecting Cables are not included. Eravant coaxial cable, model SCW-SMSM040-F1-A-PM, is highly recommended. Four
(4) cables are required to connect this module with VNA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com