Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTD Datasheet(PDF) 1 Page - Electronic devices inc.

Part # HTD
Description  Operation High Voltage Rectifier Assemblies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

HTD Datasheet(HTML) 1 Page - Electronic devices inc.

  HTD Datasheet HTML 1Page - Electronic devices inc. HTD Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HTD
5, 15, 30
Max DC Reverse Current @ PRV @ 25 C
Typical DC Reverse Current @ PRV and 175 C
10
15
50 mA
Average Rectified Forward Current @ 50 C
Ambient Operating Temperature Range
Note: EDI reserves the right to change these specifications at any time without notice.
See Note 2
175 C Operation
High Voltage Rectifier Assemblies
O
O
O
ELECTRICAL CHARACTERISTICS (at
O
EDI TYPE NUMBER
PEAK REVERSE VOL TAGE
DIMENSIONS
HTD 5
HTD 15
HTD 30
5,000V
SEE FIG.1
15,000V
SEE FIG.2
30,000V
SEE FIG.3
-55
to+175
OC
OC
-55
to+175
OC
OC
HTD 5
HTD 15
HTD 30
5 mA
.1
A
25V
75V
150V
Max Forward Voltage Drop @ 10mA and 50 C
Max DC Reverse Current @ PRV @175 C
Average Rectified Forward Current @ 175 C
Forward Stability @ 175 C
O
O
O
O
O
O
O
A
A
O
Note1 I at 175 C readings are taken in oil after voltage
R
has been applied to device for 5 minutes.
Higher Temperature version available.
Consult factory.
Our proprietary diffusion and passivation process provides this unusual stability and no leakage drift at theseelevated
temperatures. All diodes are subjected to 10 temperature cycles from -55 C to + 175 C.
O
O
25 C Unless Otherwise Specified)
Storage Temperature Range
Exceptional high temperature
Stability to 175 C
To 200 C operation available.
Consult factory
Exceptionally low leakage
Small size
5, 15, and 30 KV PRV
Note2 All diodes are hot forward swept for forward
stability to maximum temperature of 175 C on
dynamic display on curve trace oscilloscope.
O


Similar Part No. - HTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HTD ETC2-HTD Datasheet
925Kb / 14P
CONTACTOR 60 AMP
logo
Weller Tools
HTD WELLER-HTD Datasheet
80Kb / 4P
Soldering Tips
logo
RMT Ltd.
HTD04-059-08D12 RMT-HTD04-059-08D12 Datasheet
1Mb / 5P
Thermoelectric Solutions
HTD04-127-05D16 RMT-HTD04-127-05D16 Datasheet
1Mb / 5P
Thermoelectric Solutions
logo
List of Unclassifed Man...
HTD1050-5M-09 ETC-HTD1050-5M-09 Datasheet
70Kb / 3P
Magnetic Hydraulic Circuit Breaker H Series 1Pole 50Hz/60Hz Instantaneous Delay Handle Type One Per
More results

Similar Description - HTD

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
KVP5 EDI-KVP5 Datasheet
49Kb / 2P
KILOVOLT RECTIFIER ASSEMBLIES
KHP EDI-KHP Datasheet
57Kb / 2P
KILOVOLT HIGH CURRENT RECTIFIER ASSEMBLIES
KMO EDI-KMO Datasheet
49Kb / 2P
HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
Frontier Electronics.
HV07-08 FRONTIER-HV07-08 Datasheet
121Kb / 2P
HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
High-Voltage Startup, Quasi-Resonant Operation
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A_14 Datasheet
257Kb / 20P
Standard-voltage Operation
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
LOW VOLTAGE OPERATION
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
Operation voltage range
logo
Powerex Power Semicondu...
PAA6T6200620 POWEREX-PAA6T6200620 Datasheet
1Mb / 2P
Rectifier & SCR Assemblies
logo
Hotchip Technology Co.,...
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
Low voltage operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com