Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVPF12 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # HVPF12
Description  HIGH VOLTAGE SINGLE-PHASE FULL WAVE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

HVPF12 Datasheet(HTML) 1 Page - Electronic devices inc.

  HVPF12 Datasheet HTML 1Page - Electronic devices inc. HVPF12 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH VOLTAGE
SINGLE-PHASE FULL WAVE BRIDGE
HVPF
Max.Forward Voltage Drop @ 0.8 Amp
6.0Volts
0.75Amps
Max. DC Reverse Current @ PR V
A
2.0
Max. Peak Surge Current
(8.3
ms)
15 Amps
Ambient Operating T emperature
-55 to +150
oC
Storage Temperature Range
-55 to +150
oC
Average Forward
Current
PRV/Leg
2,000V
4,000V
6,000V
8,000V
10,000V
12,000V
Type No.
HVPF2
HVPF4
HVPF6
HVPF8
HVPF10
HVPF12
HVPF2-6
HVPF8-12
-55 to +150
oC
-55 to +150
oC
0.3Amps
12.0Volts
A
2.0
8 Amps
EDI reserves the right to change these specifications at any time without notice.
ELECTRICAL CHARACTERISTICS
@ 25 C UNLESS OTHERWISE SPECIFIED


Similar Part No. - HVPF12

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVPF12 GETEDZ-HVPF12 Datasheet
545Kb / 2P
0.3A 12kV--SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
More results

Similar Description - HVPF12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV100 ETC1-PV100 Datasheet
46Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE BRIDGE
logo
Sensitron
SHB636053E SENSITRON-SHB636053E Datasheet
46Kb / 2P
HIGH VOLTAGE SILICON CARBIDE SINGLE PHASE FULL WAVE BRIDGE
logo
Motorola, Inc
MDA3500 MOTOROLA-MDA3500 Datasheet
489Kb / 4P
SINGLE-PHASE FULL-WAVE BRIDGE
logo
Sensitron
SHB681123E SENSITRON-SHB681123E Datasheet
39Kb / 2P
HIGH VOLTAGE SILICON CARBIDE SINGLE PHASE FULL WAVE BRIDGE
SHB636053E SENSITRON-SHB636053E_09 Datasheet
37Kb / 2P
HIGH VOLTAGE SILICON CARBIDE SINGLE PHASE FULL WAVE BRIDGE
SHB681123E SENSITRON-SHB681123E_09 Datasheet
38Kb / 2P
HIGH VOLTAGE SILICON CARBIDE SINGLE PHASE FULL WAVE BRIDGE
logo
New Jersey Semi-Conduct...
35MB140A NJSEMI-35MB140A Datasheet
71Kb / 1P
SINGLE-PHASE FULL-WAVE BRIDGE RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
HVPF06 GETEDZ-HVPF06 Datasheet
515Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
MDA920A1 NJSEMI-MDA920A1 Datasheet
94Kb / 1P
SINGLE-PHASE FULL-WAVE BRIDGE
MDA3500 NJSEMI-MDA3500 Datasheet
92Kb / 1P
SINGLE-PHASE FULL-WAVE BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com