Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71342LA55PF Datasheet(PDF) 14 Page - Integrated Device Technology

Part # IDT71342LA55PF
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71342LA55PF Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT71342LA55PF Datasheet HTML 6Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 7Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 8Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 9Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 10Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 11Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 12Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 13Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
14
Ordering Information
2721 drw 15
IDT
XXXX
A
999
A
A
Device Type
Power
Speed
Package
Process/
Temperature
Range
Blank
I
J
PF
20
25
35
45
55
70
SA
LA
71342
Commercial (0
°Cto +70°C)
Industrial (-40
°Cto +85°C)
52-pin PLCC (J52-1)
64-pin TQFP (PN64-1)
Speed in nanoseconds
Standard Power
Low Power
32K (4K x 8-Bit) Dual-Port RAM w/ Semaphore
Commercial Only
Commercial & Industrial
Commercial & Industrial
Commercial Only
Commercial & Industrial
Commercial Only
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
1/12/99:
Initiated datasheet document history
Converted to new format
Cosmetic and typographical corrections
Added additional notes to pin configurations
6/9/99:
Changed drawing format
10/1/99:
Added Industrial Temperature Ranges and removed corresponding notes
11/10/99:
Replaced IDT logo
12/22/99:
Page 1
Made corrections to drawing
6/26/00:
Page 3
Increased storage temperature parameters
Clarified TAparameter
Page 4
DC Electrical parameters–changed wording from "open" to "disabled"
Changed ±500mV to 0mV in notes
1/12/00:
Pages 1 and 2 Moved "Description" to page 2 and adjusted page layouts
Page 1
Added "(LA only)" to paragraph
Page 2
Fixed J52 package description in notes
Page 8
Replaced bottom table with correct 10b table
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax: 408-284-2775
DualPortHelp@idt.com
www.idt.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com