Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS145 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS145
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS145 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS145 Datasheet HTML 1Page - Sanyo Semicon Device FSS145 Datasheet HTML 2Page - Sanyo Semicon Device FSS145 Datasheet HTML 3Page - Sanyo Semicon Device FSS145 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS145
No. A0341-3/4
0
100
1000
7
5
7
3
2
10000
7
5
3
2
--45
--40
--5
--20
--15
--25
--10
--30
--35
IT10752
IT10751
IT10750
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--0.001
--0.01
--10
--1.0
7
5
3
2
--0.1
7
5
3
2
7
5
3
2
7
5
3
2
3
2
IT10749
f=1MHz
Ciss
Coss
Crss
--0.001
--0.01
23
5 7
23
5 7
23
5 7
23
23
57
--0.1
--10
--1.0
1.0
2
3
5
7
2
3
5
7
10
2
3
5
2
3
5
7
0.01
0.1
VDS= --10V
25°
C
Tc=
--25
°C
75
°C
VGS=0V
100
10
3
2
5
7
3
2
5
7
--0.1
23
5
7
23
23
57
--1.0
--10
VDD= --24V
VGS= --10V
td(off)
tf
td(on)
--10
2
3
5
7
2
3
5
7
2
3
5
7
--100
2
3
5
7
--1.0
--0.01
--0.1
2
23
5
5
7
23
5 7
23
5 7
--0.01
--0.1
--1.0
--10
7--100
3
IT10754
IT10753
0
0
--1
--2
--3
--4
--5
--6
--7
--8
70
60
30
50
40
20
--10
--9
10
VDS= --24V
ID= --8A
≤10µs
Operation in this area
is limited by RDS(on).
1ms
10ms
10s
100ms
ID= --8A
IDP= --32A
DC
operation
t r
0
IT10755
0
0
20
40
0.5
60
1.5
1.0
2.0
80
100
120
2.5
2.9
3.0
3.5
140
160
Ciss, Coss, Crss -- VDS
SW Time -- ID
IS -- VSD
yfs -- ID
VGS -- Qg
PD -- Ta
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2!0.8mm)
Mounted
on
a
ceramic
board
(1200mm
2!
0.8mm),
PW
≤
10s
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
A S O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com