Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD80 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # PD80
Description  SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PD80 Datasheet(HTML) 1 Page - Electronic devices inc.

  PD80 Datasheet HTML 1Page - Electronic devices inc. PD80 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE FULL WAVE BRIDGE
1.5AMPERES THROUGH 5.0 AMPERES
FOR P.C. BOARD AND POWER TERMINAL MOUNTING
PF PD PE
NOTES:
O
Maxinum lead and terminal temperature for soldering, 3/8 inch from case,5 seconds at 250 C
EDI reserves the right to change these specifications at any time without notice.
PF SERIES
PD SERIES
PE SERIES
PRV/Leg
50V
100V
200V
400V
600V
800V
1000V
1.5 Amp SERIES
PF05
PF10
PF20
PF40
PF60
PF80
PF100
2.0 Amp SERIES
PD05
PD10
PD20
PD40
PD60
PD80
PD100
5.0 Amp SERIES
PE05
PE10
PE20
PE40
PE60
PE80
PE100
PF
FD
PE
Max. Forward VoltageDrop VF=1.2 V @ IF=
1.0
2.5
Amp
Max. DC Reverse Current
@ PRV and 25
o C, IR
5.0
5.0
5.0
Max. Peak Surge Current,IFSM(8.3ms)
50
50
150
Amp
Forward Current, Repetitive Peak, I FRM
4.5
6.0
15
Amp
Ambient Operating Temperature Range, TA
-55 to
+125
-55 to + 150
oC
Storage Temperature Range, TSTG
-55 to +150
oC
A
This mark in
dicates reco
gnition
under the c
omponent p
rogram of
Underwriters
Laboratories,
inc.
1.0
ELECTRICAL CHARACTERISTICS PER
LEG (at TA = 25 C Unless Otherwise Specified)
1.5
2
5
Amp
Average Output Current, Io @ 25 C Tc (Fig.1)


Similar Part No. - PD80

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PD8001 MITSUBISHI-PD8001 Datasheet
91Kb / 4P
High quantum effciency, Very small dark current, High speed response
PD8002 MITSUBISHI-PD8002 Datasheet
53Kb / 2P
InGaAs PHOTODIODES FOR OPTICAL COMMUNICATION
PD804-DMX MITSUBISHI-PD804-DMX Datasheet
71Kb / 3P
InGaAs AVALANCHE PHOTO DIODES
PD8042 MITSUBISHI-PD8042 Datasheet
167Kb / 3P
InGaAs AVALANCHE PHOTO DIODES
PD8042 MITSUBISHI-PD8042 Datasheet
71Kb / 3P
InGaAs AVALANCHE PHOTO DIODES
More results

Similar Description - PD80

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
4PH05 EDI-4PH05 Datasheet
40Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 4 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
6PH EDI-6PH Datasheet
44Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
6PHR EDI-6PHR Datasheet
43Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING 200 NANOSECOND FAST RECOVERY
8PH EDI-8PH Datasheet
89Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 8 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
10PH EDI-10PH Datasheet
93Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 10 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
DY05 EDI-DY05 Datasheet
46Kb / 2P
10 AMPERES - HIGH SURGE SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK-CHASSIS-P.C. BOARD MOUNTING
PER EDI-PER Datasheet
56Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
PL05 EDI-PL05 Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
PP05 EDI-PP05 Datasheet
87Kb / 2P
SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
PPR EDI-PPR Datasheet
53Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com