Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL60 Datasheet(PDF) 2 Page - Electronic devices inc.

Part # PL60
Description  SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PL60 Datasheet(HTML) 2 Page - Electronic devices inc.

  PL60 Datasheet HTML 1Page - Electronic devices inc. PL60 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
25
50
75
100
150
125
CURRENT DERATING
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
T
= AMBIENT TEMPERATURE
A
(
OC)
.2
.4
.6
.8
1.0
For Capacitive Load Derate Current by 20%
CASE STYLE PL
_
+
PL SERIES
EDI
.260
.240
.160
.140
.280
.320
.330
.300
.015
.008
.390
.370
.140Min.
.217Min.
.210
.190
.015
.008
.091
.071
ALL DIMENSIONS IN INCHES
Ee-mail:sales@edidiodes.com Wwebsite: http://www.edidiodes.com
*
PL
PLS
CASE STYLE PLS
_
+
.240
.130
.120
.255
.310
.290
.440 Max
.060
.040
.010
.365
.355
.010
.045 Typ.
.205
.195



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com