Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPR05 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # PPR05
Description  FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PPR05 Datasheet(HTML) 1 Page - Electronic devices inc.

  PPR05 Datasheet HTML 1Page - Electronic devices inc. PPR05 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY
PPR
2.0
Amp
Max. DC Reverse Current @ PRV and 25
oC, IR
1.0
100
IFSM (8.3ms)
Amp
STG
-55 to +150
oC
Thermal Resistance (Total Bridge), R0 j-c
7.0typ.
oC/ W
-
A
PRV/ leg
50V
100V
200V
400V
600V
800V
1000V
Type No.
PPR05
PPR10
PPR20
PPR40
PPR60
PPR80
PPR100
Max. Reverse Recovery , Trr (Fig.4)
200
Nano Sec.
Ambient Operating Temperature Range,TA
-55 to +150
oC
NOTE:
O
EDI reserves the right to change these specifications at any time without notice.
PPR SERIES
ELECTRICAL CHARACTERISTICS PER LEG
(at TA=25 C Unl es s Oth erw ise Spe ci fie d)
Maximum lead and terminal temperature for soldering, 3/8 inch from case,5 seconds at 250 C.
SINGLE-PHASE FULL WAVE BRIDGE
5.0 AMPERES HEAT SINK MOUNTING
2.0 AMPERES FOR P.C. BOARD MOUNTING
Max. Forward Voltage Drop, VF =1.3 V @ IF=
Max. Peak Surge Current,
Storage Temperature Range, T


Similar Part No. - PPR05

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPR ILLINOISCAPACITOR-PPR Datasheet
343Kb / 3P
High Pulse Currents - High voltage
logo
ABL Aluminium Component...
PPR ABL-PPR Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
CUI INC
PPR-1U CUI-PPR-1U Datasheet
1Mb / 11P
RACK ACCESSORY
PPR-1U-A CUI-PPR-1U-A Datasheet
1Mb / 11P
RACK ACCESSORY
PPR-1U-B CUI-PPR-1U-B Datasheet
1Mb / 11P
RACK ACCESSORY
More results

Similar Description - PPR05

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
4PH05 EDI-4PH05 Datasheet
40Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 4 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
6PH EDI-6PH Datasheet
44Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
6PHR EDI-6PHR Datasheet
43Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING 200 NANOSECOND FAST RECOVERY
8PH EDI-8PH Datasheet
89Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 8 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
10PH EDI-10PH Datasheet
93Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 10 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
DY05 EDI-DY05 Datasheet
46Kb / 2P
10 AMPERES - HIGH SURGE SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK-CHASSIS-P.C. BOARD MOUNTING
PER EDI-PER Datasheet
56Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
PF05 EDI-PF05 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
PL05 EDI-PL05 Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
PP05 EDI-PP05 Datasheet
87Kb / 2P
SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com