Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL80S Datasheet(PDF) 1 Page - Electronic devices inc.

Part # PL80S
Description  SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PL80S Datasheet(HTML) 1 Page - Electronic devices inc.

  PL80S Datasheet HTML 1Page - Electronic devices inc. PL80S Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE FULL WAVE BRIDGE
1.0 AMPERES
FOR P.C. BOARD AND SURFACE MOUNTING
PL
PLS
PL SERIES
Dual DIP Package
PRV/Leg
50V
200V
400V
600V
800V
Type No.
Type No.
PL05
PL05S
PL20
PL20S
PL40
PL40S
PL60
PL60S
PL80
PL80S
A
Max.Forward Voltage Drop, VF =1.2 V @ IF =
1.0
Amp
Max. DC Reverse Current @ PRV and 25
oC, IR
5.0
Max. Peak Surge Current,IFSM(8.3ms)
50
Amp
Ambient Operating Temperature Range, TA
-55 to +150
oC
Storage Temperature Range, TSTG
-55 to +150
oC
A
ELECTRICAL CHARACTERISTICS PER LEG (at T =25 C Unless Otherwise Specified)
PLS SERIES
Surface Mount Type
EDI reserves the right to change these specifications at any time without notice.


Similar Part No. - PL80S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL80S ETC1-PL80S Datasheet
118Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
More results

Similar Description - PL80S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL100S ETC1-PL100S Datasheet
118Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
4PH05 EDI-4PH05 Datasheet
40Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 4 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
6PH EDI-6PH Datasheet
44Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
6PHR EDI-6PHR Datasheet
43Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING 200 NANOSECOND FAST RECOVERY
8PH EDI-8PH Datasheet
89Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 8 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
10PH EDI-10PH Datasheet
93Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 10 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
PER EDI-PER Datasheet
56Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
PF05 EDI-PF05 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
PP05 EDI-PP05 Datasheet
87Kb / 2P
SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
PPR EDI-PPR Datasheet
53Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com