Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C170-70FSM Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C170-70FSM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C170-70FSM Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P4C170-70FSM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 11Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
P4C168, P4C169, P4C170
Page 7 of 15
Document # SRAM107 REV A
* including scope and test fixture.
Note:
Because of the ultra-high speed of the P4C168, P4C169 AND P4C170
care must be taken when testing these devices; an inadequate setup
can cause a normal functioning part to be rejected as faulty. Long high-
inductance leads that cause supply bounce must be avoided by bringing
the V
CC and ground planes directly up to the contactor fingers. A high
frequency capacitor of 0.01 µF is also required between V
CC and ground.
Figure 1. Output Load
Figure 2. Thevenin Equivalent
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST CONDITIONS
To avoid signal reflections, proper termination must be used; for
example, a 50
Ω test environment should be terminated into a 50Ω load
with 1.73V (Thevenin Voltage) at the comparator input, and a 116
Ω
resistor must be used in series with D
OUT to match 166Ω (Thevenin
Resistance).
LCC PIN CONFIGURATION
LCC (L9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com