Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS173 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS173
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS173 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS173 Datasheet HTML 1Page - Sanyo Semicon Device FSS173 Datasheet HTML 2Page - Sanyo Semicon Device FSS173 Datasheet HTML 3Page - Sanyo Semicon Device FSS173 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS173
No. A0480-3/4
0
100
1000
7
5
3
2
7
5
3
2
--45
--40
--30
--35
--5
--15
--20
--25
--10
IT11346
IT11345
IT11344
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--0.001
--0.01
--0.1
--1.0
--10
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
2
IT11343
f=1MHz
Ciss
Coss
Crss
--0.01
--0.1
--1.0
23
5
7
23
5
7
23
5
7
--10
10
7
2
3
5
7
2
3
2
3
5
7
0.1
1.0
VDS= --10V
25°
C
Tc=
--25
°C
75°
C
VGS=0V
100
10
3
2
5
3
2
5
7
7
--0.1
--1.0
2
23
5
7
--10
35
7
VDD= --24V
VGS= --10V
td(off)
tf
tr
td(on)
--10
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
--1.0
--0.01
--0.1
23
23
5 7
7
23
5 7
23
5 7
--0.01
--0.1
--1.0
--10
5
IT11348
IT11347
0
0
--1
--2
--3
--4
--5
--6
--7
--8
50
20
30
35
40
45
25
--10
--9
510
15
VDS= --10V
ID= --6A
≤10µs
Operation in this area
is limited by RDS(on).
1ms
10ms
10s
100ms
ID= --6A
IDP= --24A
DC
operation
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
A S O
VGS -- Qg
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2!0.8mm)
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
SW Time -- ID
IS -- VSD
yfs -- ID
Ambient Temperature, Ta --
°C
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
RDS(on) -- Ta
IT11341
IT11342
--2
0
80
60
70
50
--10
--3
--4
--5
--6
--7
--8
--60
--40
--20
0
20
40
60
80
100
120
140
160
--9
40
20
10
30
0
80
60
70
50
40
20
10
30
I D
= --
3A,
V GS
= --
4V
Ta=25
°C
ID= --6A
--
3A
ID=
--6A,
VGS
= --10
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com