Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS174 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS174
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS174 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS174 Datasheet HTML 1Page - Sanyo Semicon Device FSS174 Datasheet HTML 2Page - Sanyo Semicon Device FSS174 Datasheet HTML 3Page - Sanyo Semicon Device FSS174 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS174
No.8738-3/4
0
--30
--28
--4
--2
--16
--12
--20
--24
--8
--6
--18
--14
--22
--26
--10
Ciss
Coss
Crss
100
1000
7
5
7
3
2
5
3
2
IT09970
IT09969
IT09968
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
--1.1
--0.01
--0.1
--10
--1.0
7
5
3
2
7
5
3
2
7
5
3
2
IT09967
f=1MHz
--0.01
--0.1
23
5 7
23
5 7
5
--1.0
--10
7
23
10
7
5
2
3
5
7
2
3
2
3
0.1
1.0
VDS= --10V
25°
C
Ta=
--25
°C
75°
C
VGS=0V
100
10
3
2
5
3
2
5
7
5
7
--0.1
23
5
7
5
7
--1.0
--10
23
VDD= --15V
VGS= --10V
td(off)
tf
td(on)
5
--10
2
3
5
7
2
3
5
7
2
3
5
7
2
3
--1.0
--0.01
--0.1
2
23
5
5
7
23
5 7
23
5 7
--0.01
--0.1
--1.0
--10
3
IT09972
IT09971
0
0
--1
--2
--3
--4
--5
--6
--7
--8
30
15
25
20
10
--10
--9
5
VDS= --10V
ID= --6A
≤10µs
Operation in this area
is limited by RDS(on).
1ms
10ms
100ms
100
µ
s
ID= --6A
IDP= --24A
DC
operation
t r
Ciss, Coss, Crss -- VDS
SW Time -- ID
IS -- VSD
yfs -- ID
VGS -- Qg
0
PD -- Ta
IT09973
0
0
20
40
0.2
60
0.8
0.6
0.4
1.0
80
100
120
1.2
1.4
1.6
1.8
140
160
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2!0.8mm)
Mounted
on
a
ceramic
board
(1200mm
2!
0.8mm)
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
A S O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com