Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPR80 Datasheet(PDF) 2 Page - Electronic devices inc.

Part # PPR80
Description  FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PPR80 Datasheet(HTML) 2 Page - Electronic devices inc.

  PPR80 Datasheet HTML 1Page - Electronic devices inc. PPR80 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 1
Figure 3
IF(AV). AVERAGE FORWARD CURRENT (AMP)
0
0
2
4
6
8
BRIDGE OUTPUT
RES IND LOADS
0
2
4
0
20
40
60
80
100
120
BRIDGE OUTPUT
RES IND LOADS
O
TEMPERATURE ( C)
6
8
140
3
6
9
12
15
1.0A
0.5A
T RR
ZERO
REFERENCE
0.25A
R R
1, 2 NON-INDUCTIVE RESISTORS
PULSE GENERATOR - HEWLETT PACKARD 214A OR EQUIV
.
IKC REP.RATE, 10 SEC. PULSE WIDTH
ADJUST PULSE AMPLITUDE FOR PEAK IR
TEST CIRCUIT
PULSE
GENERATOR
D.U.T.
SCOPE
R
2
1 OHM
R1
50 OHM
-
PPR
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*
160
A
B
A=CASE TEMPERATURE HEAT SINK MOUNTED
B=AMBIENT TEMPERATURE
NON- REPETITIVE SURGE CURRENT
0.1SEC
1.0SEC
100
75
50
25
0
1
2
3
4
5 6 7
9 10
20
30
40 50 60
8
CYCLES(60 Hz)
Figure 2
PPR SERIES MECHANICAL OUTLINE
+
_
C
AC
B
A
A
AC
E
D
F
LTR
A
B
C
D
E
F
INCHES
.411-.441
.137-.167 DIA
.590-.610
.038-.042
1.000 MIN
.300 MAX
7.62 MAX
25.4 MIN
.97-1.07
14.99-15.49
MILLIMETERS
10.44-11.20
3.48-4.24 DIA
Figure 4
NOTE: A thin film of silicone thermal compound is recommended between the Minibridge
case and mounting surface for improved thermal conduction.
PPR SERIES CURRENT DERATING
POWER DISSIP ATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com