Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV10 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # TV10
Description  HIGH VOLTAGE SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

TV10 Datasheet(HTML) 1 Page - Electronic devices inc.

  TV10 Datasheet HTML 1Page - Electronic devices inc. TV10 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TV
Average Rectified Forward Current @ 75
oC
5 mA
Max. DC Reverse Current @ PRV and 25
oC
2
oC
50
-55
oC to +125 oC
-55
oC to +150 oC
A
A
EDI TYPE
PRV (VOLTS)
MAXIMUM FORW ARD
VOLTAGE DROP @5mA
6,000
8,000
(8.3ms) (Fig.2)
H I G H V O L TA G E
S I L I C O N R E C T I F I E R S
SMALL SIZE MOLDED PACKAGE
PRV 6,000 TO 20,000 VOLTS
FAST RECOVERY
AVALANCHE CHARACTERISTICS
LOW LEAKAGE
TV 6
TV 8
TV 12
TV 10
TV 14
TV 16
TV 20
10,000
12,000
14,000
16,000
20,000
20
25
30
38
43
50
63
Reverse Recovery Time(Fig 4)
500 mA
100nSEC
EDI reserves the right to change these specifications at any time without notice.
Max. Peak Surge Current
Max. DC Reverse Current @ PRV and100
Ambient Operating Temperature
Storage Temperature Range


Similar Part No. - TV10

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
TV10 NJSEMI-TV10 Datasheet
48Kb / 2P
High Voltage Silicon Rectifier
logo
List of Unclassifed Man...
TV100 ETC-TV100 Datasheet
114Kb / 1P
TO-220 HEAT SINKS
logo
Vishay Barry
TV1005AS-50R0GN-91 BARRY-TV1005AS-50R0GN-91 Datasheet
150Kb / 2P
DC - 6GHz 5W Al2O3 Chip Termination
REV.A NOV 14 2018
TV1005AS-50R0GN-91TR BARRY-TV1005AS-50R0GN-91TR Datasheet
150Kb / 2P
DC - 6GHz 5W Al2O3 Chip Termination
REV.A NOV 14 2018
TV1005AS-50R0GN-91WP BARRY-TV1005AS-50R0GN-91WP Datasheet
150Kb / 2P
DC - 6GHz 5W Al2O3 Chip Termination
REV.A NOV 14 2018
More results

Similar Description - TV10

ManufacturerPart #DatasheetDescription
logo
Bytes
R1200 BYTES-R1200 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Formosa MS
R1200 FORMOSA-R1200 Datasheet
30Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Electronic devices inc.
CRVT EDI-CRVT Datasheet
43Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
List of Unclassifed Man...
MA15-120 ETC2-MA15-120 Datasheet
87Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
UNIOHM CORPORATION
R1200 UNIOHM-R1200 Datasheet
61Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
PR1800 SEMTECH_ELEC-PR1800 Datasheet
206Kb / 1P
HIGH VOLTAGE SILICON RECTIFIERS
R1200 SEMTECH_ELEC-R1200 Datasheet
278Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
R1200 GWSEMI-R1200 Datasheet
61Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
R2500 GWSEMI-R2500 Datasheet
61Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Nanjing International G...
R1200 DGNJDZ-R1200 Datasheet
78Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com