Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAB080 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # HAB080
Description  3 AMPERE AXIAL LEAD RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

HAB080 Datasheet(HTML) 1 Page - Electronic devices inc.

  HAB080 Datasheet HTML 1Page - Electronic devices inc. HAB080 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RAB HAB
3 AMPERE AXIAL LEAD RECTIFIERS
PRV TO 1,000 VOLTS
FAST RECOVERY (RAB SERIES)
HIGH TEMPERATURE STABILITY
HIGH SURGE CAPABILITY
PRV
50V
100V
200V
400V
600V
800V
1000V
HAB STANDARD RECOVERY
HAB005
HAB010
HAB020
HAB040
HAB060
HAB080
HAB100
RAB FAST RECOVERY
RAB005
RAB010
RAB020
RAB040
RAB060
RAB080
RAB100
ELECTRICAL CHARACTERISTICS
at
TA=25°C
Unless
O therwi se
Specified
HAB SERIES
STANDARD
RECOVERY
Max. DC Reverse Current @ PRV
and 25
oC, IR
5 vv
Max. DC Reverse Current @ PRV
and100
oC, IR
150 00
Max.Forward Voltage Drop
@3.0Amp, VF
1.1 Volts
Ambient Operating Temperature
Range,TA
-55
oC to
+150
oC
Storage Temperature Range,TSTG
-55
oC to
+150
oC
Max. One- -Half Cycle Surge Current,
IFM(Surge) @ 60HZ
300 Amps
ELECTRICAL CHARACTERISTICS
at
TA=25°C
Unless
Otherwise
Specified
RAB SERIES
FAST
RECOVERY
Max. DC Reverse Current @ PRV
and 25
oC, IR
5 vv
Max. DC Reverse Current @ PRV
and100
oC, IR
250 00
Max.Forward Voltage Drop
@3.0Amp VF
1.4 Volts
Max. Rever se Recov ery
Time, Trr (Fig.4)
250 nanosec
Ambient
Op erating
Temperature
Range,TA
-55
oC to
+150
oC
Storage Temperature Range,TSTG
-55
oC to
+150
oC
Max.One - Half Cycle Surge Current,
FM
(Surge) @ 60HZ
240 Amps
A
A
A
A
EDI reserves the right to change these specifications at any time without notice.
RAB100
I


Similar Part No. - HAB080

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
HAB001A1 APEX-ELECTRONICS-HAB001A1 Datasheet
381Kb / 1P
Pushbutton switch, side actuated, push to lock
HAB001A2 APEX-ELECTRONICS-HAB001A2 Datasheet
381Kb / 1P
Pushbutton switch, side actuated, push to lock
HAB001B1 APEX-ELECTRONICS-HAB001B1 Datasheet
381Kb / 1P
Pushbutton switch, side actuated, push to lock
HAB001B2 APEX-ELECTRONICS-HAB001B2 Datasheet
381Kb / 1P
Pushbutton switch, side actuated, push to lock
logo
Thinki Semiconductor Co...
HAB05S THINKISEMI-HAB05S Datasheet
462Kb / 8P
THINKISEMIS FAST RECOVERY TYPE MINIATURE SURFACE MOUNT BRIDGE RECTIFIERS
20210604-V2
More results

Similar Description - HAB080

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
Axial Lead Rectifiers
logo
ON Semiconductor
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
Axial Lead Rectifiers
June, 2006 ??Rev. 8
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
Axial Lead Rectifiers
June, 2006 ??Rev. 6
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Electronic devices inc.
RWB EDI-RWB Datasheet
75Kb / 2P
5 AMPERE FAST RECOVERY AXIAL LEAD RECTIFIERS
WAB EDI-WAB Datasheet
69Kb / 2P
6 AMPERE AXIAL LEAD RECTIFIERS HIGH PERFORMANCE
YAB EDI-YAB Datasheet
33Kb / 2P
6 AMPERE AXIAL LEAD RECTIFIERS
ZAB EDI-ZAB Datasheet
83Kb / 2P
6 AMPERE AXIAL LEAD RECTIFIERS HIGH SURGE
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
AXIAL LEAD RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com