Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WAB005 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # WAB005
Description  6 AMPERE AXIAL LEAD RECTIFIERS HIGH PERFORMANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

WAB005 Datasheet(HTML) 1 Page - Electronic devices inc.

  WAB005 Datasheet HTML 1Page - Electronic devices inc. WAB005 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WAB
6 AMPERE AXIAL LEAD RECTIFIERS
HIGH PERFORMANCE
PRV TO 1,000 VOLTS
HIGH TEMPERATURE STABILITY
HIGH SURGE CAPABILITY
AVALANCHE CHARACTERISTICS
PRV
50V
100V
200V
400V
600V
800V
1000V
TYPE NO.
WAB005
WAB010
WAB020
WAB040
WAB060
WAB080
WAB100
ELECTRICAL CHARACTERISTICS at TA=25°C Unless
Otherwise Specified
WAB SERIES
Max. DC Reverse Current @ PRV and 25
oC, IR
5 vv
Max. DC Reverse Current @ PRV and100
oC, IR
150 00
Max.Forward Voltage Drop @6.0Amps, VF
1.0Volts
Ambient Operating Temperature Range,TA
-55
oC to +150,oC
Storage Temperature Range,TSTG
-55
oC to +150,oC
Max.One -Half Cycle Surge Current,IFM(Surge) @ 60HZ
400 Amps
A
A
EDI reserves the right to change these specifications at any time without notice.


Similar Part No. - WAB005

ManufacturerPart #DatasheetDescription
logo
Level One
WAB-5120 LVL1-WAB-5120 Datasheet
193Kb / 4P
300Mbps 5G Wireless Outdoor PoE Access Point / Bridge
WAB-6120 LVL1-WAB-6120 Datasheet
406Kb / 3P
150Mbps Wireless Outdoor PoE Access Point
logo
WOLFSPEED, INC.
WAB300M12BM3 WOLFSPEED-WAB300M12BM3 Datasheet
1Mb / 12P
1200 V, 300 A All-Silicon Carbide THB-80 Qualified, Switching Optimized, Half-Bridge Module
Rev. A 2020-05-20
WAB400M12BM3 WOLFSPEED-WAB400M12BM3 Datasheet
1Mb / 12P
1200 V, 400 A All-Silicon Carbide THB-80 Qualified, Conduction Optimized, Half-Bridge Module
Rev. A 2020-05-22
logo
Inchange Semiconductor ...
WAB400M12BM3 ISC-WAB400M12BM3 Datasheet
657Kb / 7P
All-SiC Power Module
2023-9-5
More results

Similar Description - WAB005

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
Axial Lead Rectifiers
logo
Sensitron
1N5418 SENSITRON-1N5418 Datasheet
205Kb / 2P
HIGH CURRENT AXIAL LEAD RECTIFIERS
1N5807 SENSITRON-1N5807 Datasheet
42Kb / 2P
HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Electronic devices inc.
RAB EDI-RAB Datasheet
77Kb / 2P
3 AMPERE AXIAL LEAD RECTIFIERS
RWB EDI-RWB Datasheet
75Kb / 2P
5 AMPERE FAST RECOVERY AXIAL LEAD RECTIFIERS
YAB EDI-YAB Datasheet
33Kb / 2P
6 AMPERE AXIAL LEAD RECTIFIERS
ZAB EDI-ZAB Datasheet
83Kb / 2P
6 AMPERE AXIAL LEAD RECTIFIERS HIGH SURGE
logo
Sensitron
1N5550 SENSITRON-1N5550_08 Datasheet
50Kb / 3P
HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5550 SENSITRON-SS5550 Datasheet
42Kb / 3P
HIGH CURRENT AXIAL LEAD RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com