Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC330XMOD Datasheet(PDF) 2 Page - Texas Instruments

Part # CC330XMOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC330XMOD Datasheet(HTML) 2 Page - Texas Instruments

  CC330XMOD Datasheet HTML 1Page - Texas Instruments CC330XMOD Datasheet HTML 2Page - Texas Instruments CC330XMOD Datasheet HTML 3Page - Texas Instruments CC330XMOD Datasheet HTML 4Page - Texas Instruments CC330XMOD Datasheet HTML 5Page - Texas Instruments CC330XMOD Datasheet HTML 6Page - Texas Instruments CC330XMOD Datasheet HTML 7Page - Texas Instruments CC330XMOD Datasheet HTML 8Page - Texas Instruments CC330XMOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
3 Description
The SimpleLink™ Wi-Fi CC33xx family of devices is where affordability meets reliability, enabling engineers to
connect more applications with confidence. CC330xMOD are certified modules designed to simplify hardware
design and reduce time-to-market.
• CC3300MOD: A 2.4GHz Wi-Fi 6 companion module
• CC3301MOD: A 2.4GHz Wi-Fi 6 and Bluetooth Low Energy 5.4 companion module
The CC330xMOD offers the latest standards from Wi-Fi and BLE while maintaining compatibility with Wi-Fi
4 (802.11 b/g/n) and Wi-Fi 5 (802.11ac). These CC330xMOD are based on the 10th-generation connectivity
combo chip from Texas Instruments. As such, the CC330xMOD is based on proven technology. These modules
are an excellent choice to use in cost-sensitive embedded applications with a Linux or RTOS host running
TCP/IP. CC330xMOD brings the efficiency of Wi-Fi 6 to embedded device applications for the Internet of Things
(IoT).
Device Information
PART NUMBER
Wi-Fi 2.4GHz SISO
Bluetooth Low Energy
CC3300MODENIAMOZR
✔
CC3301MODENIAMOZR
✔
✔
CC330XMOD
SWRS342 – SEPTEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CC330XMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com