Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM75CSD060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM75CSD060
Description  FLAT-BASE TYPE INSULATED PACKAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75CSD060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM75CSD060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75CSD060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75CSD060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75CSD060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75CSD060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75CSD060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75CSD060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75CSD060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75CSD060
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
Parameter
Symbol
Supply Voltage Protected by
OC & SC
Supply Voltage (Surge)
Module Case Operating
Temperature
Storage Temperature
Isolation Voltage
Condition
VCC(surge)
TC
Tstg
Viso
Ratings
VCC(PROT)
400
500
–20 ~ +100
–40 ~ +125
2500
Unit
V
°C
°C
Vrms
V
VD = 13.5 ~ 16.5V, Inverter Part,
Tj = 125
°C Start
Applied between : P-N, Surge value or without switching
(Note-1)
60Hz, Sinusoidal, Charged part to Base, AC 1 min.
(Note-1) Tc measurement point is as shown below. (Base plate depth 3mm)
2.3
2.3
3.3
2.4
0.3
1.0
3.3
1.2
1
10
Min.
Typ.
Max.
Collector-Emitter
Saturation Voltage
Collector-Emitter
Cutoff Current
–IC = 75A, VD = 15V, VCIN = 15V
(Fig. 2)
Tj = 25
°C
Tj = 125
°C
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Parameter
Symbol
Test Condition
VCE(sat)
ICES
VEC
ton
trr
tc(on)
toff
tc(off)
Limits
—
—
—
0.8
—
—
—
—
—
—
1.7
1.7
2.2
1.2
0.15
0.4
2.4
0.6
—
—
Tj = 25
°C
Tj = 125
°C
FWDi Forward Voltage
Switching Time
VD = 15V, VCIN = 15V
↔0V
VCC = 300V, IC = 75A
Tj = 125
°C
Inductive Load (upper and lower arm)
(Fig. 3)
VCE = VCES, VCIN = 15V
(Fig. 4)
VD = 15V, IC = 75A
VCIN = 0V, Pulsed
(Fig. 1)
TOTAL SYSTEM
WV
U
Tc
63mm
V
mA
V
µs
Unit
0.49
1.38
0.30
0.47
0.027
°C/W
Rth(j-c)Q
Rth(j-c)F
Rth(j-c’)Q
Rth(j-c’)F
Rth(c-f)
Inverter IGBT part (per 1 element), (Note-1)
Inverter FWDi part (per 1 element), (Note-1)
Inverter IGBT part (per 1 element), (Note-2)
Inverter FWDi part (per 1 element), (Note-2)
Case to fin, Thermal grease applied (per 1 module)
Symbol
Parameter
Test Condition
Unit
—
—
—
—
—
—
—
—
—
—
Junction to case Thermal
Resistances
THERMAL RESISTANCES
Contact Thermal Resistance
(Note-2) TC measurement point is just under the chips.
If you use this value, Rth(f-a) should be measured just under the chips.
Limits
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com