Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7323 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 67Page - PMC-Sierra, Inc PM7323 Datasheet HTML 68Page - PMC-Sierra, Inc PM7323 Datasheet HTML 69Page - PMC-Sierra, Inc PM7323 Datasheet HTML 70Page - PMC-Sierra, Inc PM7323 Datasheet HTML 71Page - PMC-Sierra, Inc PM7323 Datasheet HTML 72Page - PMC-Sierra, Inc PM7323 Datasheet HTML 73Page - PMC-Sierra, Inc PM7323 Datasheet HTML 74Page - PMC-Sierra, Inc PM7323 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
60
and for its Customer’s Internal Use.
Table 13
-
CELLID[2:0]
Definition
000
All other cells:
• cells received via the Input Cell Interface
• cells inserted via the Microprocess Cell Inferface if the
UPHDRX register bit is a logic 1
• generated AIS cells if the TAGAIS register bit is a logic 0
• generated Continuity Check cells
001
Forward RM cell.
010
Backward RM cell.
011
Backward generated OAM cells:
• generated RDI
• generated Backward Reporting
• generated AIS if the TAGAIS register bit is a logic 1
100-111
Reserved
For all generated backward OAM cells (i.e. generated RDI and Backward
Reporting), the RCMP-200 can be programmed to enable or disable header
translation. That is, the RCMP-200 can insert either the ingress VPI/VCI or the
translated VPI/VCI for a backward generated OAM cell.
9.4
Multicasting
The RCMP-200 supports multicasting. A single received cell can result in an
arbitrary number of cells presented on the Output Cell Interface, each with its
own unique VPI/VCI value and appended bytes. The ATM cell payload is
duplicated without modification. Multicasting is implemented by having special
code in the VC identification search table which indicates that the VC Table
Record identified by the search process is one of a multicast set. That VC is
processed and then the next VC for the same received cell is identified by a
linked list pointer in the search table. This process can continue indefinitely.
(Optionally, a 63 cell limit can be imposed as a watch dog.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com