Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CLED08 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY8CLED08
Description  EZ-Color??HB LED Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED08 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY8CLED08 Datasheet HTML 17Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 18Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 19Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 20Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 21Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 22Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 23Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 24Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
CY8CLED08
Document Number: 001-12981 Rev. **
Page 21 of 37
DC POR and LVD Specifications
The following table lists guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V
and -40°C
≤ T
A ≤ 85°C, or 3.0V to 3.6V and -40°C ≤ TA ≤ 85°C, respectively. Typical parameters apply to 5V and 3.3V at 25°C and
are for design guidance only.
Note The bits PORLEV and VM in the table below refer to bits in the VLT_CR register.
Table 20. DC POR and LVD Specifications
Symbol
Description
Min
Typ
Max
Units
Notes
VPPOR0R
VPPOR1R
VPPOR2R
Vdd Value for PPOR Trip (positive ramp)
PORLEV[1:0] = 00b
PORLEV[1:0] = 01b
PORLEV[1:0] = 10b
–
2.91
4.39
4.55
–
V
V
V
Vdd must be greater than or equal to 2.5V
during startup, reset from the XRES pin, or
reset from Watchdog.
VPPOR0
VPPOR1
VPPOR2
Vdd Value for PPOR Trip (negative ramp)
PORLEV[1:0] = 00b
PORLEV[1:0] = 01b
PORLEV[1:0] = 10b
–
2.82
4.39
4.55
–
V
V
V
VPH0
VPH1
VPH2
PPOR Hysteresis
PORLEV[1:0] = 00b
PORLEV[1:0] = 01b
PORLEV[1:0] = 10b
–
–
–
92
0
0
–
–
–
mV
mV
mV
VLVD0
VLVD1
VLVD2
VLVD3
VLVD4
VLVD5
VLVD6
VLVD7
Vdd Value for LVD Trip
VM[2:0] = 000b
VM[2:0] = 001b
VM[2:0] = 010b
VM[2:0] = 011b
VM[2:0] = 100b
VM[2:0] = 101b
VM[2:0] = 110b
VM[2:0] = 111b
2.86
2.96
3.07
3.92
4.39
4.55
4.63
4.72
2.92
3.02
3.13
4.00
4.48
4.64
4.73
4.81
2.98a
3.08
3.20
4.08
4.57
4.74b
4.82
4.91
a. Always greater than 50 mV above PPOR (PORLEV = 00) for falling supply.
b. Always greater than 50 mV above PPOR (PORLEV = 10) for falling supply.
V
V
V
V
V
V
V
V
V
VPUMP0
VPUMP1
VPUMP2
VPUMP3
VPUMP4
VPUMP5
VPUMP6
VPUMP7
Vdd Value for PUMP Trip
VM[2:0] = 000b
VM[2:0] = 001b
VM[2:0] = 010b
VM[2:0] = 011b
VM[2:0] = 100b
VM[2:0] = 101b
VM[2:0] = 110b
VM[2:0] = 111b
2.96
3.03
3.18
4.11
4.55
4.63
4.72
4.90
3.02
3.10
3.25
4.19
4.64
4.73
4.82
5.00
3.08
3.16
3.32
4.28
4.74
4.82
4.91
5.10
V
V
V
V
V
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com