Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 12Page - Cirrus Logic CS5560 Datasheet HTML 13Page - Cirrus Logic CS5560 Datasheet HTML 14Page - Cirrus Logic CS5560 Datasheet HTML 15Page - Cirrus Logic CS5560 Datasheet HTML 16Page - Cirrus Logic CS5560 Datasheet HTML 17Page - Cirrus Logic CS5560 Datasheet HTML 18Page - Cirrus Logic CS5560 Datasheet HTML 19Page - Cirrus Logic CS5560 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
CS5560
16
DS713A5
7/31/07
Calibration can be initiated in either of two ways. If CAL is high when RST transitions from low to high, a
calibration cycle will be performed. When calibration is performed, the offset and full-scale points of the
converter are calibrated. A calibration cycle takes 327,680 MCLK cycles. The RDY signal falls upon com-
pletion of reset and calibration sequence. If CAL is held low when RST transitions from low to high, no
calibration will be performed. Calibrations can be initiated any time the converter is idle by taking the CAL
input high. RDY will fall at the end of the calibration cycle. The CAL pin should be returned low when not
being used.
A calibration cycle calibrates the offset and full-scale points of the converter transfer function. When the
offset portion of the calibration is performed, the AIN+ and AIN- pins are disconnected from the input and
shorted internally. The offset of the converter is then measured and a correction factor is stored in the
offset calibration register. Then the voltage reference is internally connected to act as the input signal to
the converter and a gain calibration is performed. The gain correction results are placed in the gain cali-
bration register. The contents of the 24-bit offset and gain registers are used to map the conversion data
prior to its output from the converter. The offset and gain calibration registers can be read and written if
desired. To read or write the calibration registers inside of the converter, the converter must be idle, and
the serial port must be in the SEC mode (SMODE = VLR). Table 1 depicts the commands necessary to
read or write the calibration registers.
3.1.1 Offset Register
The offset register maps one for one with the conversion word when the gain register is set to 1 decimal.
After reset all bits are zero.
3.1.2 Gain Register
The gain register spans from 0 to (8 - 2-21). After reset, bit D22 is 1, all others are 0. This results in a dec-
imal gain value of 1.000....000.
Table 1. Offset & Gain Calibration Register Read/Write Commands
Register
Read Command
Write Command
Offset Register
0x40
0xC0
Gain Register
0x20
0XA0
MSB
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
Sign
2-2
2-12
000000000000
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
LSB
2-11
2-24
000000000000
MSB
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
22
21
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
001000000000
D12
D11
D10
D9D8D7D6D5D4D3D2
LSB
2-10
2-11
2-12
2-13
2-14
2-15
2-16
2-17
2-18
2-19
2-20
2-21
000000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com