Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7340 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 17Page - PMC-Sierra, Inc PM7340 Datasheet HTML 18Page - PMC-Sierra, Inc PM7340 Datasheet HTML 19Page - PMC-Sierra, Inc PM7340 Datasheet HTML 20Page - PMC-Sierra, Inc PM7340 Datasheet HTML 21Page - PMC-Sierra, Inc PM7340 Datasheet HTML 22Page - PMC-Sierra, Inc PM7340 Datasheet HTML 23Page - PMC-Sierra, Inc PM7340 Datasheet HTML 24Page - PMC-Sierra, Inc PM7340 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
4
• Symmetrical configuration with asymmetrical operation.
• Asymmetrical configuration with asymmetrical operation.
• Performs IMA differential delay calculation and synchronization.
• Provides programmable limit on allowable differential delay and minimum
number of links per group.
• Supports up to 279 ms (for T1 links) and 226 ms (for E1 links) link-differential
delay between links in an IMA group.
• Performs ICP and stuff-cell insertion and removal.
• Supports both Common Transmit Clock (CTC) and Independent Transmit
Clock (ITC) transmit ICP stuffing modes.
• Supports IMA frame length (M) equal to 32, 64, 128, or 256.
• Optionally supports the IMA 1.0 method of reporting Rx cell information as
defined in appendix C.8 of the ATM Forum Inverse Multiplexing for ATM
Specification Version 1.1 for symmetrical configurations with M=128.
• Provides IMA layer statistic counts and alarms for support of IMA
Performance and Failure Alarm Monitoring and MIB support.
• Provides per link counters for statistics and performance monitoring:
• ICP Violations
• OIF anomalies
• Rx Link stuff events
• Tx Link stuff events
• User cells
• Filler cells
• Provides per group counters for statistics and performance monitoring:
• User cells received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com