Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSASBC2R8 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVSASBC2R8
Description  Red PLCC4 Surface Mount LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSASBC2R8 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVSASBC2R8 Datasheet HTML 1Page - OPTEK Technologies OVSASBC2R8 Datasheet HTML 2Page - OPTEK Technologies OVSASBC2R8 Datasheet HTML 3Page - OPTEK Technologies OVSASBC2R8 Datasheet HTML 4Page - OPTEK Technologies OVSASBC2R8 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue 1.1
0705
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Red PLCC4 Surface Mount LED
OVSASBC2R8
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Junction Temperature
110°C
Reverse Voltage
5 V
Continuous Forward Current
70 mA
Peak Forward Current (10% Duty Cycle, PW
”  —VHF
200 mA
Power Dissipation
225 mW
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
560
900
----
mcd
IF =50mA
VF
Forward Voltage
----
2.5
3.2
V
IF =50mA
IR
Reverse Current
----
----
10
µA
VR = 5V
D
Dominant Wavelength
620
628
635
nm
IF =50mA
2 ½
50% Power Angle
----
120
----
deg
IF =50mA
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
Standard Bins (IF = 50mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVSASBC2R8 may be filled with any or all bins contained as below.
1400
1120
W1
900
V2
710
V1
560
U2
Dominant Wavelength (nm)
620
635
628
Luminous intensity is at
U2 bin or above.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com