Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22393FCT Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY22393FCT
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22393FCT Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY22393FCT Datasheet HTML 9Page - Cypress Semiconductor CY22393FCT Datasheet HTML 10Page - Cypress Semiconductor CY22393FCT Datasheet HTML 11Page - Cypress Semiconductor CY22393FCT Datasheet HTML 12Page - Cypress Semiconductor CY22393FCT Datasheet HTML 13Page - Cypress Semiconductor CY22393FCT Datasheet HTML 14Page - Cypress Semiconductor CY22393FCT Datasheet HTML 15Page - Cypress Semiconductor CY22393FCT Datasheet HTML 16Page - Cypress Semiconductor CY22393FCT Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CY22395
CY22394
Document #: 38-07186 Rev. *C
Page 13 of 17
CY22393
3.3V Switching Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency[4, 6]
Clock output limit, CMOS, Commercial
–
–
200
MHz
Clock output limit, CMOS, Industrial
–
–
166
MHz
Clock output limit, PECL, Commercial (CY22394
only)
100
–
400
MHz
Clock output limit, PECL, Industrial (CY22394
only)
125
–
375
MHz
t2
Output Duty Cycle[4, 7]
Duty cycle for outputs, defined as t2 ÷ t1,
Fout < 100 MHz, divider >= 2,
measured at VDD/2
45%
50%
55%
Duty cycle for outputs, defined as t2 ÷ t1,
Fout > 100 MHz or divider = 1,
measured at VDD/2
40%
50%
60%
t3
Rising Edge Slew Rate[4]
Output clock rise time, 20% to 80% of VDD
0.75
1.4
V/ns
t4
Falling Edge Slew Rate[4]
Output clock fall time, 20% to 80% of VDD
0.75
1.4
V/ns
t5
Output three-state Timing[4] Time for output to enter or leave three-state mode
after SHUTDOWN/OE switches
–
150
300
ns
t6
Clock Jitter[4, 8]
Peak-to-peak period jitter, CLK outputs
measured at VDD/2
–400
ps
v7
P+/P– Crossing Point[4]
Crossing point referenced to Vdd/2, balanced
resistor network (CY22394 only)
–0.2
0
0.2
V
t8
P+/P– Jitter[4, 8]
Peak-to-peak period jitter, P+/P– outputs
measured at crossing point (CY22394 only)
–200
ps
t9
Lock Time[4]
PLL Lock Time from Power-up
–
1.0
3
ms
2.5V Switching Characteristics (CY22395 only)[5]
Parameter
Description
Conditions
Min
Typ
Max
Unit
1/t1_2.5
Output Frequency[4, 6]
Clock output limit, LVCMOS
133
MHz
t2_2.5
Output Duty Cycle[4, 7]
Duty cycle for outputs, defined as t2 ÷ t1
measured at LVDD/2
40%
50%
60%
t3_2.5
Rising Edge Slew Rate[4]
Output clock rise time, 20% to 80% of LVDD
0.5
1.0
V/ns
t4_2.5
Falling Edge Slew Rate[4]
Output clock fall time, 20% to 80% of LVDD
0.5
1.0
V/ns
Notes
6. Guaranteed to meet 20%–80% output thresholds, duty cycle, and crossing point specifications.
7. Reference Output duty cycle depends on XTALIN duty cycle.
8. Jitter varies significantly with configuration. Reference Output jitter depends on XTALIN jitter and edge rate.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com