Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7340-PI Datasheet(PDF) 48 Page - PMC-Sierra, Inc

Part # PM7340-PI
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340-PI Datasheet(HTML) 48 Page - PMC-Sierra, Inc

Back Button PM7340-PI Datasheet HTML 44Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 46Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 47Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 48Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 49Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 50Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 51Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 52Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
31
9.6 Clk/Data (33 signals)
Pin Name
Type
Pin No.
Function
TSCLK[7]
TSCLK[6]
TSCLK[5]
TSCLK[4]
TSCLK[3]
TSCLK[2]
TSCLK[1]
TSCLK[0]
Input
F2
D3
G3
G2
G1
F4
H1
H3
The Transmit Serial Clock (TSCLK[7:0]) signals
contain the transmit clocks for the 8
independently timed links. The TSDATA[7:0]
signals are updated on the falling edge of the
corresponding TSCLK[7:0] clock.
For channelized T1 or E1 links, TSCLK[n] must
be gapped during the framing bit (for T1
interfaces) or during time-slot 0 (for E1
interfaces) of the TSDATA[n] stream. The S/UNI-
IMA-8 uses the gapping information to determine
the time-slot alignment in the transmit stream.
For unchannelized links, TSCLK[n] must be
externally gapped during the bits or time-slots
that are not part of the transmission format
payload (i.e., not part of the ATM Cell).
The TSCLK[7:0] input signal is nominally a 50%
duty cycle clock of 1.544 MHz for T1 links and
2.048 MHz for E1 links.
The TSCLK[7:0] may operate at higher rates in
the unchannelized mode. At higher rates, the
amount of lines available is limited. See 12.3.1.2
for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com