Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29940ACT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29940ACT
Description  2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29940ACT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29940ACT Datasheet HTML 1Page - Cypress Semiconductor CY29940ACT Datasheet HTML 2Page - Cypress Semiconductor CY29940ACT Datasheet HTML 3Page - Cypress Semiconductor CY29940ACT Datasheet HTML 4Page - Cypress Semiconductor CY29940ACT Datasheet HTML 5Page - Cypress Semiconductor CY29940ACT Datasheet HTML 6Page - Cypress Semiconductor CY29940ACT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY29940
Document #: 38-07283 Rev. *C
Page 3 of 7
Notes:
8.
Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with loaded outputs.
9.
Across temperature and voltage ranges, includes output skew.
10. For a specific temperature and voltage, includes output skew
11. Parameters tested @ 150 MHz.
AC Parameters[8]: VDD = 3.3V ±5% or 2.5V ±5%, VDDC = 3.3V ±5% or 2.5V ±5%, TA = –40°C to +85°C
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit.
Fmax
Input Frequency
–
–
–
200
MHz
tPD
PECL_CLK to Q Delay[5, 6, 11]
</=150 MHz
VDD = 3.3V
85°C
tPHL
2.0
–
3.2
ns
tPLH
2.1
–
3.4
VDD = 3.3V
70°C
tPHL
1.9
–
3.1
tPLH
2.0
–
3.2
VDD = 2.5V
85°C
tPHL
2.5
–
5.2
tPLH
2.6
–
5
VDD = 2.5V
70°C
tPHL
2.5
–
5
tPLH
2.6
–
5
tPD
LVCMOS to Q Delay[5, 6, 11]
</=150 MHz
VDD = 3.3V
85°C
tPHL
1.9
–
3
ns
tPLH
2.0
–
3.2
VDD = 3.3V
70°C
tPHL
1.8
–
2.9
tPLH
1.8
–
3.1
VDD = 2.5V
85°C
tPHL
2.5
–
4
tPLH
2.5
–
4
VDD = 2.5V
70°C
tPHL
2.3
–
3.8
tPLH
2.3
–
3.8
tJ
Total Jitter
VDD = 3.3V @ 150MHz
–
–
10
ps
FoutDC
Output Duty Cycle[5, 6, 7]
FCLK < 134 MHz
–
–
55
%
FCLK > 134 MHz
–
–
60
Tskew
Output-to-Output Skew[5, 6]
VDD = 3.3V
–
60
150
ps
VDD = 2.5V
–
200
Tskew(pp)
Part-to-Part Skew[9]
PECL, VDDC = 3.3V
–
–
1.4
ns
PECL, VDDC = 2.5V
–
–
2.2
Tskew(pp)
Part-to-Part Skew[9]
TCLK, VDDC = 3.3V
–
–
1.2
ns
TCLK, VDDC = 2.5V
–
–
1.7
Tskew(pp)
Part to Part Skew[10]
PECL_CLK
–
–
850
ps
TCLK
–
–
750
tR/tF
Output Clocks Rise/Fall Time[5, 6] 0.7V to 2.0V,
VDDC = 3.3V
0.3
–
1.1
ns
0.5V to 1.8V,
VDDC = 2.5V
0.3
–
1.2
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com