Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29940AXCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29940AXCT
Description  2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29940AXCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29940AXCT Datasheet HTML 1Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 2Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 3Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 4Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 5Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 6Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07283 Rev. *C
Revised April 4, 2006
Features
• 200-MHz clock support
• LVPECL or LVCMOS/LVTTL clock input
• LVCMOS/LVTTL compatible inputs
• 18 clock outputs: drive up to 36 clock lines
• 60 ps typical output-to-output skew
• Dual or single supply operation:
— 3.3V core and 3.3V outputs
— 3.3V core and 2.5V outputs
— 2.5V core and 2.5V outputs
• Pin compatible with MPC940L, MPC9109
• Available in Commercial and Industrial temperature
• 32-pin LQFP package
Description
The CY29940 is a low-voltage 200-MHz clock distribution buff-
er with the capability to select either a differential LVPECL or
a LVCMOS/LVTTL compatible input clock. The two clock
sources can be used to provide for a test clock as well as the
primary system clock. All other control inputs are LVC-
MOS/LVTTL compatible. The eighteen outputs are 2.5V or
3.3V LVCMOS/LVTTL compatible and can drive 50
Ω series or
parallel terminated transmission lines. For series terminated
transmission lines, each output can drive one or two traces
giving the device an effective fanout of 1:36. Low out-
put-to-output skews make the CY29940 an ideal clock distri-
bution buffer for nested clock trees in the most demanding of
synchronous systems.
Note:
1.
PD = Internal Pull-Down, PU = Internal Pull-up
Block Diagram
Pin Configuration
PECL_CLK
PECL_CLK#
0
1
TCLK
TCLK_SEL
VDDC
18
Q0-Q17
VDD
CY29940
Q6
Q7
Q8
VDD
Q9
Q10
Q11
VSS
VSS
VSS
TCLK
TCLK_SEL
PECL_CLK
PECL_CLK#
VDD
VDDC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Pin Description[1]
Pin
Name
PWR
I/O
Description
5
PECL_CLK
I, PU
PECL Input Clock
6
PECL_CLK#
I, PD
PECL Input Clock
3
TCLK
I, PD
External Reference/Test Clock Input
9, 10, 11, 13, 14,
15, 18, 19, 20, 22,
23, 24, 26, 27, 28,
30, 31, 32
Q(17:0)
VDDC
O
Clock Outputs
4
TCLK_SEL
I, PD
Clock Select Input. When LOW, PECL clock is selected and when HIGH
TCLK is selected.
8, 16, 29
VDDC
3.3V or 2.5V Power Supply for Output Clock Buffers
7, 21
VDD
3.3V or 2.5V Power Supply
1, 2, 12, 17, 25
VSS
Common Ground
[+] Feedback
[+] Feedback


Similar Part No. - CY29940AXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940AXCT CYPRESS-CY29940AXCT Datasheet
392Kb / 10P
2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
More results

Similar Description - CY29940AXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com