Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPGBCR4 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OVSPGBCR4
Description  1-Watt SMD 6mm (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSPGBCR4 Datasheet(HTML) 4 Page - OPTEK Technologies

  OVSPGBCR4 Datasheet HTML 1Page - OPTEK Technologies OVSPGBCR4 Datasheet HTML 2Page - OPTEK Technologies OVSPGBCR4 Datasheet HTML 3Page - OPTEK Technologies OVSPGBCR4 Datasheet HTML 4Page - OPTEK Technologies OVSPGBCR4 Datasheet HTML 5Page - OPTEK Technologies OVSPGBCR4 Datasheet HTML 6Page - OPTEK Technologies OVSPGBCR4 Datasheet HTML 7Page - OPTEK Technologies OVSPGBCR4 Datasheet HTML 8Page - OPTEK Technologies OVSPGBCR4 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A.2 11/06
Page 4 of 11
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt SMD 6mm
OVSPxBCR4 Series
Standard Bins (I
F = 350 mA)
OVSPWBCR4 (White)
Lamps are sorted to luminous flux (Φ), chromaticity coordinates, and correlated color temperature (CCT) bins
shown. Orders may be filled with any or all bins contained as below.
Color Bin Minimum CCT (K) Maximum CCT (K)
Y3
4500
5000
Y2
5000
5500
Y1
5500
6000
X3
6000
7000
X2
7000
8000
X1
8000
10000
Φ
Luminous Flux (lm
Bin
Min
Max
AD
39
50
AE
50
63
Bin
1
2
3
4
X1
CX
0.2775
0.29
0.29
0.2775
CY
0.243
0.265
0.31
0.288
X2
CX
0.29
0.3025
0.3025
0.29
CY
0.265
0.286
0.331
0.31
X3
CX
0.3025
0.315
0.315
0.3025
CY
0.286
0.308
0.353
0.331
Y1
CX
0.315
0.3275
0.3275
0.315
CY
0.308
0.33
0.375
0.353
Y2
CX
0.3275
0.34
0.34
0.3275
CY
0.33
0.351
0.396
0.375
Y3
CX
0.34
0.3525
0.3525
0.34
CY
0.351
0.373
0.418
0.396
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
X1
X2
X3
Y1
Y2
Y3
White Bin Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com