Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPYBCR4 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVSPYBCR4
Description  1-Watt SMD 6mm (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSPYBCR4 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVSPYBCR4 Datasheet HTML 1Page - OPTEK Technologies OVSPYBCR4 Datasheet HTML 2Page - OPTEK Technologies OVSPYBCR4 Datasheet HTML 3Page - OPTEK Technologies OVSPYBCR4 Datasheet HTML 4Page - OPTEK Technologies OVSPYBCR4 Datasheet HTML 5Page - OPTEK Technologies OVSPYBCR4 Datasheet HTML 6Page - OPTEK Technologies OVSPYBCR4 Datasheet HTML 7Page - OPTEK Technologies OVSPYBCR4 Datasheet HTML 8Page - OPTEK Technologies OVSPYBCR4 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A.2 11/06
Page 2 of 11
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt SMD 6mm
OVSPxBCR4 Series
Absolute Maximum Ratings T
A = 25°C
Notes:
1.
Pulse width tp ≤ 10µs, Duty cycle = 0.1
2.
Thermal conductivity = 20K/W for red, yellow, green, blue; and 18K/W for white
Optical and Electrical Characteristics—Red, Yellow (I
F = 400 mA, TA = 25° C)
Red, Yellow
Green, Blue
White
DC Forward Current
400mA
350mA
350mA
Peak Pulsed Forward Current
1
500mA
1000mA
1000mA
Reverse Voltage
12V
Not designed for reverse bias
Junction Temperature
2
125°C
120°C
125°C
Power Dissipation
Storage and Operating Temperature
-40°~ +100 °C
ESD Threshold (HBM)
2000V
1200mW
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
2.2
2.5
2.8
V
Φ
Luminous Flux
Red
21
26
33
lm
Yellow
27
35
42
lm
λD
Dominant Wavelength
Red
620
625
630
nm
Yellow
585
587
597
nm
IR
Reverse Current
----
100
----
µA
2 Θ½
50% Power Angle
----
120
----
deg
Optical and Electrical Characteristics—Blue, Green (I
F = 350 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
----
3.6
4.0
V
Φ
Luminous Flux
Blue
5.8
9
12
lm
Green
38
48
60
lm
λD
Dominant Wavelength
Blue
464
470
476
nm
Green
525
530
535
nm
2 Θ½
50% Power Angle
----
120
----
deg
Optical and Electrical Characteristics—White (I
F = 350 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
----
3.6
4.0
V
Φ
Luminous Flux
39
48
63
lm
2 Θ½
50% Power Angle
----
120
----
deg
IR
Reverse Current
----
10
----
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com