Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22800-059A Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY22800-059A
Description  Universal Programmable Clock Generator (UPCG)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22800-059A Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY22800-059A Datasheet HTML 1Page - Cypress Semiconductor CY22800-059A Datasheet HTML 2Page - Cypress Semiconductor CY22800-059A Datasheet HTML 3Page - Cypress Semiconductor CY22800-059A Datasheet HTML 4Page - Cypress Semiconductor CY22800-059A Datasheet HTML 5Page - Cypress Semiconductor CY22800-059A Datasheet HTML 6Page - Cypress Semiconductor CY22800-059A Datasheet HTML 7Page - Cypress Semiconductor CY22800-059A Datasheet HTML 8Page - Cypress Semiconductor CY22800-059A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY22800
Document #: 001-07704 Rev. *A
Page 5 of 10
CY22800-070A 64/66 Multiplier
CLKIN: 5–133
XTAL: 8–30
CLKA: 5–129
CLKB: REFOUT
NN
CY22800-071A 255/238 Multiplier
CLKIN: 5–133
XTAL: 8–30
CLKA: 5–142
CLKB: REFOUT
NN
CY22800-072A 238/255 Multiplier
CLKIN: 5–133
XTAL: 8–30
CLKA: 5–124
CLKB: REFOUT
NN
CY22800-073A 3-Output Fanout Buffer
CLKIN: 1–133
XTAL: 8–30
CLKA = CLKB = CLKC: REFOUT
N
N
CY22800-074A X2 Multiplier with Fanout and REFOUT
CLKIN: 9–100
XTAL: 9–30
CLKA = CLKC: 18–200
CLKB: REFOUT
NN
CY22800-075A X3 Multiplier with Fanout and REFOUT
CLKIN: 6–66
XTAL: 8–30
CLKA = CLKC: 18–200
CLKB: REFOUT
NN
CY22800-076A X4 Multiplier with Fanout and REFOUT
CLKIN: 5–50
XTAL: 8–30
CLKA = CLKC: 20–200
CLKB: REFOUT
NN
CY22800-077A /2 Clock Divider
CLKIN: 0.5–133
XTAL: 8–30
CLKA: 0.25–66.5
CLKB = CLKC: 0.25–66.5 or off
NN
CY22800-078A /3 Clock Divider
CLKIN: 0.5–133
XTAL: 8–30
CLKA: 0.17–44.3
CLKB = CLKC: 0.17–44.3 or off
NN
CY22800-079A /4 Clock Divider
CLKIN: 0.5–133
XTAL: 8–30
CLKA: 0.125–33.25
CLKB = CLKC: 0.125–33.25 or off
NN
CY22800-080A /5 Clock Divider
CLKIN: 0.5–133
XTAL: 8–30
CLKA: 0.1–26.6
CLKB = CLKC: 0.1–26.6 or off
NN
CY22800-081A /6 Clock Divider
CLKIN: 0.5–133
XTAL: 8–30
CLKA: 0.083–22.2
CLKB = CLKC: 0.083–22.2 or off
NN
CY22800-082A /7 Clock Divider
CLKIN: 0.5–133
XTAL: 8–30
CLKA: 0.071–19
CLKB = CLKC: 0.071–19 or off
NN
CY22800-083A /8 Clock Divider
CLKIN: 0.5–133
XTAL: 8–30
CLKA: 0.063–16.6
CLKB = CLKC: 0.063–v16.6 or off
NN
CY22800-084A /9 Clock Divider
CLKIN: 0.5–133
XTAL: 8–30
CLKA: 0.056–14.8
CLKB = CLKC: 0.056–14.8 or off
NN
CY22800-085A /10 Clock Divider
CLKIN: 0.5–133
XTAL: 8–30
CLKA: 0.05–13.3
CLKB = CLKC: 0.05–13.3 or off
NN
Industrial Temperature Range
CY22800-115A Spread spectrum for consumer and communication applications CLKIN: 25– 82.5
XTAL: 25–30
CLKA: REF (spread ±0.25% or off)
CLKB: REF or REF/2 (spread ±0.25% or off)
YN
CY22800-116A Spread spectrum for consumer and communication applications CLKIN: 25–82.5
XTAL: 25–30
CLKA: REF (spread ±0.5% or off)
CLKB: REF or REF/2 (spread ±0.5% or off)
YN
CY22800-117A Spread spectrum for consumer and communication applications CLKIN: 25–82.5
XTAL: 25 - 30
CLKA: REF (spread ±0.75% or off)
CLKB: REF or REF/2 (spread ±0.75% or off)
YN
CY22800-118A Spread spectrum for consumer and communication applications CLKIN: 25–82.5
XTAL: 25–30
CLKA: REF (spread ±1.0% or off)
CLKB: REF or REF/2 (spread ±1.0% or off)
YN
CY22800-119A Spread spectrum for consumer and communication applications CLKIN: 25–82.5
XTAL: 25–30
CLKA: REF (spread ±1.25% or off)
CLKB: REF or REF/2 (spread ±1.25% or off)
YN
CY22800-120A Spread spectrum for consumer and communication applications CLKIN: 25–82.5
XTAL: 25–30
CLKA: REF (spread ±1.5% or off)
CLKB: REF or REF/2 (spread ±1.5% or off)
YN
CY22800-121A Spread spectrum for consumer and communication applications CLKIN: 25–82.5
XTAL: 25–30
CLKA: REF (spread ±1.75% or off)
CLKB: REF or REF/2 (spread ±1.75% or off)
YN
CY22800-145A Spread spectrum clock generator with Multiplier option
CLKIN: 35–82.5
CLKA: 1x, 2x, 4x or /2 (spread –0.5%)
CLKB: REFOUT
YN
CY22800-146A Spread spectrum clock generator with Multiplier option
CLKIN: 35–82.5
CLKA: 1x, 2x, 4x or /2 (spread –1.0%)
CLKB: REFOUT
YN
CY22800-147A Spread spectrum clock generator with Multiplier option
CLKIN: 35–82.5
CLKA: 1x, 2x, 4x or /2 (spread –1.5%)
CLKB: REFOUT
YN
CY22800-148A Spread spectrum clock generator with Multiplier option
CLKIN: 35–82.5
CLKA: 1x, 2x, 4x or /2 (spread –2.0%)
CLKB: REFOUT
YN
CY22800-151A X10 Multiplier
CLKIN: 0.5–16.5
XTAL: 8–16.5
CLKA: 5–165
CLKB: REFOUT
NN
CY22800-152A X12 Multiplier
CLKIN: 0.5–13.75
XTAL: 8–13.75
CLKA: 6–165
CLKB: REFOUT
NN
CY22800-153A X15 Multiplier
CLKIN: 0.5–11
XTAL: 8–11
CLKA: 7.5–165
CLKB: REFOUT
NN
CY22800-154A X20 Multiplier
CLKIN: 0.5–8.25
XTAL: 8–8.25
CLKA: 10–165
CLKB: REFOUT
NN
Table 1. CY22800 Configurations (continued)
Code #
Code name
Input Freq. (MHz)
Output Freq. (MHz)
SS
VCXO
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com