Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5779MP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA5779MP
Description  Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5779MP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA5779MP Datasheet HTML 1Page - Sanyo Semicon Device LA5779MP Datasheet HTML 2Page - Sanyo Semicon Device LA5779MP Datasheet HTML 3Page - Sanyo Semicon Device LA5779MP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N1306 MS PC 20060411-S00008 No.A0498-1/4
■ Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft’s control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
■ SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LA5779MP
Overview
The LA5779MP is a Separately-excited step-down switching regulator (variable type).
Functions
• High efficiency.
• Six external parts.
• Time-base generator (160kHz) incorporated.
• Current limiter incorporated.
• Thermal shutdown circuit incorporated.
• ON/OFF function.
Specifications
Absolute
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Input voltage
VIN max
30
V
Maximum Output current
IO max
3
A
SW pin application reverse voltage
VSW
-1
V
Allowable power dissipation
Pd max
Mounted on a substrate.*
3.9
W
Operating temperature
Topr
-30 to +125
°C
Storage temperature
Tstg
-40 to +150
°C
* Specified substrate : 76.1×114.3×1.6mm
3 : Copper foil ratio 60% FR4
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
VIN
4.5 to 28
V
Monolithic Linear IC
Separately-excited Step-down
Switching Regulator
(Variable Type)
Ordering number : ENA0498


Similar Part No. - LA5779MP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
Separately-excited Step-down Switching Regulator
August, 2013
More results

Similar Description - LA5779MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5724M SANYO-LA5724M Datasheet
72Kb / 5P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5735M SANYO-LA5735M Datasheet
81Kb / 7P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744 SANYO-LA5744 Datasheet
76Kb / 5P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744TP SANYO-LA5744TP Datasheet
74Kb / 5P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5774 SANYO-LA5774 Datasheet
69Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5774MP SANYO-LA5774MP Datasheet
176Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5754MP SANYO-LA5754MP Datasheet
66Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5759 SANYO-LA5759 Datasheet
132Kb / 4P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5735MC SANYO-LA5735MC Datasheet
110Kb / 6P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com