Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LG3G Datasheet(PDF) 7 Page - OPTEK Technologies

Part # OVTL09LG3G
Description  10-Watt Lednium SMD (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL09LG3G Datasheet(HTML) 7 Page - OPTEK Technologies

Back Button OVTL09LG3G Datasheet HTML 3Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 4Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 5Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 6Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 7Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 8Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 9Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 10Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 11Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Issue B 0507
Page 7 of 11
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK 10-watt Lednium Markings
Θ
Cathode
OVTL09LG3X
Date Code-Batch Number
MALAYSIA
FRONT
BACK
Packaging: 25 pieces per tray
OPTEK’s Lednium Series Solid State Lighting products package the highest quality LED chips.
Typically, the lumen output of these chips can be as high as 70% after 50,000 hours of operation. This
prediction is based on specific test results and on tests on similar materials, and relies on strict
observation of the design limits and ratings included in this data sheet.
10-Watt Lednium SMD
OVTL09LG3x Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com