Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTE Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # HTE
Description  Cylindrical High Voltage Resistors,Thicker film,Non-Inductive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

HTE Datasheet(HTML) 2 Page - Willow Technologies Ltd

  HTE Datasheet HTML 1Page - Willow Technologies Ltd HTE Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HTE CylindricalHighVoltage
Resistors,Thicker film,Non-Inductive

Resistance Tolerance :
1% 2% 5% 10% ,and 0.5%..
And (from 1kΩ to 100MΩ ; 0.1%, 0.25%
special order available upon request, *but
some parts unable to special tolerance)
Endurable Harsh to Environment
(Temperature ) :
-55ºC to +195°C , Max. broken temperature
on resistive of parts is 600℃ (for 70min.)
Temperature Coefficient of
Resistance:
100ppm/°C standard referenced to 25°C,
from -25ºC to +125°C.
( 80ppm/°C and
special TCR upon request )
Overload/Voltage :
5 times rated power with applied voltage not
to exceed 1.5times maximum continuous
operating voltage for 5 seconds ΔR 0.5%
max.
Thermal Shock :
Mil-Std-202, Method- 107, Cond. C, ΔR
0.25% max.
Load Life :
1.000 hours at rated power ΔR 0.7% max.
Moisture Resistance :
Mil-Std-202, Method 106, ΔR 0.4% max.
Lead Material :
Tinned plated copper solsderable semi-
flexible axial wire.
Insulation Resistance :
10,000MΩ Min.
Termination Cap of Material:
Tinned Cap.
Encapsulation :
Epoxy conformal.
Resistive Material :
Thicker Film.
Contact method between Resistives and
termination Caps :
Individual Conductive Pads . So,called
"NCR" Non-contact resistance.
SPECIFICATIONS
DERATING CURVE
cf.: The described specifications & dimensions subject to change without notice.
• Automated Test (ATE)
• Medical (Imaging)
• Ion Source
• Chromatography (Gas)
• Medical (Radiation Therapy)
• Military , Radar ,Laser
,Plasma
• Measurements (High
Voltage)
* HV Capacitor Charging,
Discharging
• Electric Power Transmission
High Voltage
• Medical (Blood Analyzers)
• Corona Generators
• Multichannel Analyzers
• Ozone Generating
• Detectors
• Nuclear Instrumentation
• Electron Beam
• Pulse Generators
• Surface Analysis
• C T , MRI
• Electrophoresis
• Image Intensifier
• Surface Analysis
• Piezo. Focusing (Poling)
• High Voltage Dividers
• Stress Testing
• Klystron, Magnetron,
Microwave
APPLICATION GUIDE ; HTE SERIES
DIMENSIONS [mm]
*Ratedpower,andvoltageof%
35 ± 5
A
B
C
5
75
5
75
5
00
80
60
40
0
0
Ambient-Temperature (˚C)
Willow Technologies Ltd.
Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com