Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-0608F-R1 Datasheet(PDF) 1 Page - Eravant

Part # SWC-0608F-R1
Description  D-Band Waveguide to 0.8 mm Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-0608F-R1 Datasheet(HTML) 1 Page - Eravant

  SWC-0608F-R1 Datasheet HTML 1Page - Eravant SWC-0608F-R1 Datasheet HTML 2Page - Eravant SWC-0608F-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-0608F-R1 and SWC-0608M-R1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/3
Final Rev 1.0
D-Band Waveguide to 0.8 mm Connector Adapter, Right Angle
Models SWC-0608F-R1 and SWC-0608M-R1 are right angle (90°) D-
Band waveguide to coax adapters that cover the frequency range of 110
to 173 GHz. They are designed and manufactured for instrumentation
grade quality but offered at a commercial grade price, allowing for an
efficient transition between the rectangular waveguide and 0.8 mm coax
connector.
Electrical Specifications:
*Electrical specifications are based on Ideal Matched Condition with male and female adapters
tested back-to-back. Theoretical cutoff frequency for 0.8 mm connectors is approximately 166 GHz.
Published industry standard operating range of 0.8 mm connectors is DC to 145 GHz.
*Insertion loss is tested back-to-back with male and female adapter, the result is divided by 2.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
110 GHz
173 GHz*
Insertion Loss*
1.5 dB
Return Loss
14 dB
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide
WR-06 Waveguide with UG-387/U-M Anti-Cocking Flange
Coaxial Port
0.8 mm Female for Model Number: SWC-0608F-R1
Coaxial Port
0.8 mm Male for Model Number: SWC-0608M-R1
Material
Aluminum
Finish
Gold Plated
Weight
0.3 Oz
Outline
WC-DR-A
ECCN
EAR99
FEATURES
Broad Band Coverage
Lower Insertion Loss and
VSWR
Instrumentation Grade
• DC Open Circuit
APPLICATIONS
Test Lab
Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-0608F-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-0608M-R1 ERAVANT-SWC-0608M-R1 Datasheet
380Kb / 3P
D-Band Waveguide to 0.8 mm Connector Adapter, Right Angle
Rev 1.0
More results

Similar Description - SWC-0608F-R1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Kingbright Corporation
AA4008VRBB1S KINGBRIGHT-AA4008VRBB1S Datasheet
297Kb / 5P
4.0 x 0.8 mm Right Angle SMD Chip LED Lamp
AA2810ACGSK KINGBRIGHT-AA2810ACGSK Datasheet
288Kb / 4P
2.8 x 0.8 mm Right Angle SMD Chip LED Lamp
AA2810AVWD1S KINGBRIGHT-AA2810AVWD1S Datasheet
245Kb / 5P
2.8 x 0.8 mm Right Angle SMD Chip LED Lamp
AA2810AZGS-G KINGBRIGHT-AA2810AZGS-G Datasheet
287Kb / 4P
2.8 x 0.8 mm Right Angle SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AA4008VRBB1S TO-GRACE-AA4008VRBB1S Datasheet
834Kb / 5P
4.0 x 0.8 mm Right Angle SMD Chip LED Lamp
KA-2810ASURSK TO-GRACE-KA-2810ASURSK Datasheet
896Kb / 4P
2.8 x 0.8 mm Right Angle SMD Chip LED Lamp
KA-2810ASYSK TO-GRACE-KA-2810ASYSK Datasheet
891Kb / 4P
2.8 x 0.8 mm Right Angle SMD Chip LED Lamp
KA-2810AZGS TO-GRACE-KA-2810AZGS Datasheet
889Kb / 4P
2.8 x 0.8 mm Right Angle SMD Chip LED Lamp
KA-2810AZGS-G TO-GRACE-KA-2810AZGS-G Datasheet
913Kb / 4P
2.8 x 0.8 mm Right Angle SMD Chip LED Lamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com