Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LG3R Datasheet(PDF) 6 Page - OPTEK Technologies

Part # OVTL09LG3R
Description  10-Watt Lednium SMD (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL09LG3R Datasheet(HTML) 6 Page - OPTEK Technologies

Back Button OVTL09LG3R Datasheet HTML 2Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 3Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 4Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 5Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 6Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 7Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 8Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 9Page - OPTEK Technologies OVTL09LG3R Datasheet HTML 10Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Issue B 0507
Page 6 of 11
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Ambient Temperature °C
Derating Curves - Blue, Green and White LEDs
120
100
80
60
40
20
Derating of continuous forward current must be observed to
prevent maximum junction temperature from being exceeded.
0
20
40
60
80
100
120
140
Derating Curves - Amber and Red LEDs
Ambient Temperature °C
0
20
40
60
80
100
120
140
120
100
80
60
40
20
Derating of continuous forward current must be observed to
prevent maximum junction temperature from being exceeded.
IF vs VF
0
200
400
600
800
1000
1200
1400
1600
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
VF (V)
red
amber
blue
green
Forward Current vs. Forward Voltage
WHEN MOUNTED ON:
FR4
PC BOARD
IMS
SPREADER
PLATE
3x3x1 in. FIN
EXTRUSION
ACTIVE
HEATSINK
USE SAFE OPERATING CURRENT OF:
200 mA
500 mA
700 mA
800 mA
1000 mA
Critical Thermal Conditions (To maintain junction temperature (T
J) at 85° C)
NOTE: Refer to OPTEK Application Note #228 on thermal management (www.optekinc.com/pdf/AppNote228.pdf).
10-Watt Lednium SMD
OVTL09LG3x Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com