Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL01LGAWD Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OVTL01LGAWD
Description  1-Watt Cup Series Flush Mount and Surface Mount Packages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL01LGAWD Datasheet(HTML) 5 Page - OPTEK Technologies

  OVTL01LGAWD Datasheet HTML 1Page - OPTEK Technologies OVTL01LGAWD Datasheet HTML 2Page - OPTEK Technologies OVTL01LGAWD Datasheet HTML 3Page - OPTEK Technologies OVTL01LGAWD Datasheet HTML 4Page - OPTEK Technologies OVTL01LGAWD Datasheet HTML 5Page - OPTEK Technologies OVTL01LGAWD Datasheet HTML 6Page - OPTEK Technologies OVTL01LGAWD Datasheet HTML 7Page - OPTEK Technologies OVTL01LGAWD Datasheet HTML 8Page - OPTEK Technologies OVTL01LGAWD Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B.2 01/07
Page 5 of 10
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt Cup Series
OVTL01LGA Series
OVTL01LGAR and OVTL01LGARS (RED) (IF = 350 mA)
Dominant Wavelength 620-630nm
Forward Voltage (VF)
40
53
V1
V2
A
B
2.3
2.6
Standard Bins
Lamps are sorted to luminous flux (Φ) and forward voltage (VF) bins shown. Orders may be filled with any or all bins
contained as below.
OVTL01LGAW and OVTL01LGAWS (COOL WHITE) (IF = 350 mA)
Typical CCT 7000°K
V1
V2
C
D
Forward Voltage (VF)
2.9
3.4
3.7
50
55
40
45
A
B
OVTL01LGAWD and OVTL01LGAWDS (DAYLIGHT WHITE) (IF = 350 mA)
Typical CCT 5800°K
V1
V2
C
D
Forward Voltage (VF)
3.4
3.7
45
49
37
41
A
B
61
1.9
60
53
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com