Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTE52 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # HTE52
Description  Cylindrical High Voltage Resistors,Thicker film,Non-Inductive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

HTE52 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  HTE52 Datasheet HTML 1Page - Willow Technologies Ltd HTE52 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HTE CylindricalHighVoltage
Resistors,Thicker film,Non-Inductive

Epoxy coating for excellent humidity protection
Std. Resistance tolrerance : 0.5% 1% 2% 5% 10%
Main application for HV energy Capacitor's charger& discharger,
various HV Loads, HV Snubber, HV dampping ,on HV diode, R-C
tank,in Ion gun’s termination,etc...
* Resistance rating : 1kΩ to 700MΩ
* Power Ratings up to 15 Watts.
* Various Models with Voltage Ratings from
2.5kV to 48kV in free air.
* N.C.R. design : Non-contact resistance
design between resistives and termination
cap ,put on 3RLab's unique of conductive
pad.Willow
HTE - series to meet general set of requirements , high voltages at reasonable prices.
HTE is in epoxy coating which is very good humidity protection, and a wide range of tolerances,TCR
available.
+ Customdimension&specificationavailableuponrequest
+ AbovementionedElectricalspecificationapplicablefor0.1MΩ ~700MΩonly
+ Voltagerestrictedbytheratedpower
** Vdc,Vrmsstandard.Andat1.2/50㎲impulse;std.Voltagex1.5timesavailable
High Voltage High Frequency Resistors for various High Voltage Applications
Model Nr.
Wattage
**Max.
Continuous Oper.
Volt[kV]
Resistance
[ ohm ]
Min. Max.
Dimensions in millimeters
(inches)
SMD type
A
B
C
HTE15
0.7
2.5
1K200M
15+/-1.5
(.590)
5.0+/-1.5
(.197)
0.8
N/A
HTE19
1.0
3.5
1K200M
19+/-1.5
(.748)
5.0+/-1.5
(.197)
0.8
N/A
HTE25
1.2
5.5
1K200M
25.4+/-1.5
(1.0)
5.0+/-1.5
(.197)
0.8
N/A
HTE24
2.0
5.5
1K300M
24.0+/-1.5
(.944)
8.0+/-1.0
(.314)
1.0
available
HTE39
3.0
10.0
1K500M
39.0+/-1.5
(1.50)
8.0+/-1.0
(.314)
1.0
available
HTE52
5.0
15.0
1K500M
52.0+/-1.5
(2.04)
8.0+/-1.0
(.314)
1.0
available
HTE76
7.5
22.5
1K500M
76.0+/-1.5
(2.54)
9.0+/-1.0
(0.354)
1.0
availableon
request
HTE102
10.0
32.0
1K700M
102.0+/-1.5
(4.01)
9.0+/-1.0
(0.354)
1.0
N/A
HTE127
12.0
40.0
1K500M
127.0+/-1.5
(5.00)
9.0+/-1.0
(0.354)1.0
1.0
N/A
HTE152
15.0
48.0
1K700M
152.0+/-1.5
(5.98)
9.0+/-1.0
(0.354)
1.0
N/A
HTE Precision High Voltage Resistor, The main usage ;


Similar Part No. - HTE52

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HTE52 RIEDON-HTE52 Datasheet
259Kb / 2P
High Voltage / Thick Film Resistors
HTE52 RIEDON-HTE52 Datasheet
224Kb / 2P
High Voltage / Thick Film Resistors
HTE52 RIEDON-HTE52 Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
More results

Similar Description - HTE52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204 Datasheet
134Kb / 6P
Metal Film, Cylindrical Resistors
21-Oct-02
SMM0102 VISHAY-SMM0102 Datasheet
91Kb / 2P
Metal Film, Cylindrical Resistors
24-Jun-02
PMM0204 VISHAY-PMM0204 Datasheet
200Kb / 2P
Metal Film, Cylindrical Resistors
20-Oct-03
logo
Willow Technologies Ltd
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
Series, High Frequency Power Resistors Thick film,Non-Inductive
UR1.7 WILLOW-UR1.7 Datasheet
2Mb / 2P
Cylindrical Ultra High Ohmic Resistors,Thick film,Non-Inductive
UT20 WILLOW-UT20 Datasheet
864Kb / 2P
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
Central Technologies
CTMFCR CT-CTMFCR Datasheet
469Kb / 3P
Metal Film, Cylindrical Resistors
logo
Vishay Siliconix
PMM0204 VISHAY-PMM0204_15 Datasheet
340Kb / 5P
Metal Film, Cylindrical Resistors
15-Feb-06
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
Metal Film, Cylindrical, Fusible Resistors
24-Jun-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com