Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL01LGABS Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVTL01LGABS
Description  1-Watt Cup Series Flush Mount and Surface Mount Packages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL01LGABS Datasheet(HTML) 3 Page - OPTEK Technologies

  OVTL01LGABS Datasheet HTML 1Page - OPTEK Technologies OVTL01LGABS Datasheet HTML 2Page - OPTEK Technologies OVTL01LGABS Datasheet HTML 3Page - OPTEK Technologies OVTL01LGABS Datasheet HTML 4Page - OPTEK Technologies OVTL01LGABS Datasheet HTML 5Page - OPTEK Technologies OVTL01LGABS Datasheet HTML 6Page - OPTEK Technologies OVTL01LGABS Datasheet HTML 7Page - OPTEK Technologies OVTL01LGABS Datasheet HTML 8Page - OPTEK Technologies OVTL01LGABS Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B.2 01/07
Page 3 of 10
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK’s Lednium Series Solid State Lighting products package the highest quality LED chips. Typically, the lumen output of these
can be as high as 70% after 50,000 hours of operation. This prediction is based on specific test results and on tests on similar
materials, and relies on strict observation of the design limits and ratings included in this data sheet.
1-Watt Cup Series
OVTL01LGA Series
Absolute Maximum Ratings
Optical Characteristics (I
F = 350 mA, TJ = 25° C)
Notes:
1. Pulse width 1 ms maximum. Duty cycle 1/16.
2. Thermal Resistance junction to Board (Tjb) is 2°C/W
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage (Amber)
1.9
2.3
2.6
V
Forward Voltage (Blue)
2.9
3.4
3.7
V
Forward Voltage (Green)
3.2
3.6
4.0
V
Forward Voltage (Red)
1.9
2.3
2.6
V
Forward Voltage (White)
2.9
3.4
3.7
V
VF—Temperature Co-efficient (Amber & Red)
----
-6.0
----
mV/°C
VF—Temperature Co-efficient (White & Blue)
----
-4.8
----
mV/°C
VF—Temperature Co-efficient (Green)
----
-5.0
----
mV/°C
COLOR
DOMINANT WAVELENGTH
SPECTRAL FULL-WIDTH
HALF-MAXIMUM
MIN
Amber
590
595
600
16 nm
0.08 nm/°C
Blue
455
460
465
24 nm
0.05 nm/°C
Green
510
515
520
40 nm
0.04 nm/°C
Red
620
625
630
18 nm
0.05 nm/°C
White
N/A
N/A
N/A
N/A
N/A
DOMINANT WAVELENGTH
TEMPERATURE DEPENDENCE
TYP
MAX
OPTEK
PART NUMBER
TYPICAL LUMINOUS FLUX (lm)
TYPICAL ON-AXIS INTENSITY (cd)
@ TJ = 25°C
@ TJ = 25°C
OVTL01LGAA(S)
Amber
38
32
26
12.5
10
9
OVTL01LGAB(S)
Blue
15
14
13
5
4.7
4.2
OVTL01LGAG(S)
Green
52
49
44
16
15
12
OVTL01LGAR(S)
Red
53
48
40
8.5
7.6
6.4
OVTL01LGAW(S)
White
50
46
41
14
13
11
COLOR
@ TJ = 50°C @ TJ = 75°C
@ TJ = 50°C @ TJ = 75°C
OVTL01LGAWD(S)
Daylight White
45
42
37
12.5
11
10
OVTL09LGAWW(S)
Warm White
30
28
24
11
10
9
Electrical Characteristics (I
F = 350 mA, TJ = 25° C)
DC Forward Current
0.35 A
Peak Pulsed Forward Current
1
1 A
Reverse Voltage
5 V
Maximum Allowable Junction Temperature
2
130°C
Storage and Operating Temperature
-50°~ +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com