Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL01LGARS Datasheet(PDF) 10 Page - OPTEK Technologies

Part # OVTL01LGARS
Description  1-Watt Cup Series Flush Mount and Surface Mount Packages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL01LGARS Datasheet(HTML) 10 Page - OPTEK Technologies

Back Button OVTL01LGARS Datasheet HTML 2Page - OPTEK Technologies OVTL01LGARS Datasheet HTML 3Page - OPTEK Technologies OVTL01LGARS Datasheet HTML 4Page - OPTEK Technologies OVTL01LGARS Datasheet HTML 5Page - OPTEK Technologies OVTL01LGARS Datasheet HTML 6Page - OPTEK Technologies OVTL01LGARS Datasheet HTML 7Page - OPTEK Technologies OVTL01LGARS Datasheet HTML 8Page - OPTEK Technologies OVTL01LGARS Datasheet HTML 9Page - OPTEK Technologies OVTL01LGARS Datasheet HTML 10Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Issue B.2 01/07
Page 10 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Moisture Resistant Packaging
Carrier Tape Dimensions: Loaded quantity 1000 maximum pieces per reel
Reel Dimensions:
Label
Aluminum Moisture-proof Bag
Desiccant
Bar Code Label
1-Watt Cup Series
OVTL01LGA Series
Progressive Direction
Cover tape thickness
0.10mm max
Outer diameter: 13 inches [330 mm]
Spindle diameter: 0.5 inches [13 mm]
Empty Pockets
With Tape
(Minimum 50)
Loaded Pockets
Empty Pockets
With Tape
(Minimum 60)
Empty Pockets
With Unsealed
Cover Tape
(5-10)
0.30±0.05
4.0±0.1
2.0
12.0±0.1
6.4±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com